Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2494CUHF-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2494CUHF-PBF
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2494CUHF-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2494CUHF-PBF Datasheet HTML 7Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 8Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 9Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 10Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 11Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 12Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 13Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 14Page - Linear Technology LTC2494CUHF-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC2494
11
2494fb
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
PIN FUNCTIONS
FO (Pin 35): Frequency Control Pin. Digital input that
controls the internal conversion clock rate. When FO is
connected to GND, the converter uses its internal oscil-
lator running at 307.2kHz. The conversion clock may
also be overridden by driving the FO pin with an external
clock in order to change the output rate and the digital
filter rejection null.
CS (Pin 36): Active LOW Chip Select. A LOW on this pin
enables the digital input/output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW-to-HIGH transition on CS
during the Data Output aborts the data transfer and starts
a new conversion.
SDO (Pin 37): Three-State Digital Output. During the data
output period, this pin is used as the serial data output.
When the chip select pin is HIGH, the SDO pin is in a high
impedance state. During the conversion and sleep periods,
this pin is used as the conversion status output. When
the conversion is in progress this pin is HIGH; once the
conversion is complete SDO goes low. The conversion
status is monitored by pulling CS LOW.
SCK (Pin 38): Bidirectional, Digital I/O, Clock Pin. In Internal
Serial Clock Operation mode, SCK is generated internally
and is seen as an output on the SCK pin . In External Serial
Clock Operation mode, the digital I/O clock is externally
applied to the SCK pin. The Serial Clock operation mode
is determined by the logic level applied to the SCK pin at
power up and during the most recent falling edge of CS.
Exposed Pad (Pin 39): Ground. This pin is ground and
must be soldered to the PCB ground plane. For prototyping
purposes, this pin may remain floating.
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
ΔΣ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
GND
VCC
CH0
CH1
CH15
COM
MUX
MUXOUTP
MUXOUTN
ADCINP
ADCINN
SDO
SCK
REF+
REF
CS
SDI
FO
(INT/EXT)
2494 BD
+
TEMP
SENSOR


Similar Part No. - LTC2494CUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2494 LINER-LTC2494_15 Datasheet
1Mb / 38P
   16-Bit 8-/16-Channel ADC with PGA and Easy Drive Input Current Cancellation
More results

Similar Description - LTC2494CUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2494 LINER-LTC2494_15 Datasheet
1Mb / 38P
   16-Bit 8-/16-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486_15 Datasheet
495Kb / 36P
   16-Bit 2-/4-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com