Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2492IDE-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2492IDE-TRPBF
Description  24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2492IDE-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2492IDE-TRPBF Datasheet HTML 3Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 4Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 5Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 6Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 7Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 8Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 9Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 10Page - Linear Technology LTC2492IDE-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2492
7
2492fb
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2492 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(CM) (V)
–1
0.8
0.9
1.0
24
2492 G11
0.7
0.6
01
35
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
TEMPERATURE (°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
0
304560
2492 G12
75
90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
123
4
2492 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VIN(CM) (V)
–1
0.1
0.2
0.3
24
2492 G15
0
–0.1
01
35
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2492 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
TEMPERATURE (°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15
30
90
2492 G16
–0.1
–30
0
45
60
75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2492 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2492 G18
5
VCC = 5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF


Similar Part No. - LTC2492IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2492IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
   24-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com