Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2485CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC2485CDD Datasheet HTML 1Page - Linear Technology LTC2485CDD Datasheet HTML 2Page - Linear Technology LTC2485CDD Datasheet HTML 3Page - Linear Technology LTC2485CDD Datasheet HTML 4Page - Linear Technology LTC2485CDD Datasheet HTML 5Page - Linear Technology LTC2485CDD Datasheet HTML 6Page - Linear Technology LTC2485CDD Datasheet HTML 7Page - Linear Technology LTC2485CDD Datasheet HTML 8Page - Linear Technology LTC2485CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
LTC2485
2485fa
The
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
0.7VCC
V
VIL
Low Level Input Voltage
0.3VCC
V
VIL(CA1)
Low Level Input Voltage for Address Pin
0.05VCC
V
VIH(CA0/F0,CA1)
High Level Input Voltage for Address Pins
0.95VCC
V
RINH
Resistance from CA0/F0,CA1 to VCC to Set
10
k
Chip Address Bit to 1
RINL
Resistance from CA1 to GND to Set
10
k
Chip Address Bit to 0
RINF
Resistance from CA0/F0, CA1 to VCC or
2M
GND to Set Chip Address Bit to Float
II
Digital Input Current
–10
10
µA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 5)
0.05VCC
V
VOL
Low Level Output Voltage SDA
I = 3mA
0.4
V
tOF
Output Fall Time from VIHMIN to VILMAX
Bus Load CB 10pF to 400pF (Note 14)
20+0.1CB
250
ns
tSP
Input Spike Suppression
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
1
µA
CI
Capacitance for Each I/O Pin
10
pF
CB
Capacitance Load for Each Bus Line
400
pF
CCAX
External Capacitive Load on Chip
10
pF
Address Pins (CA0/F0,CA1) for Valid Float
VIH(EXT,OSC)
High Level CA0/F0 External Oscillator
2.7V
≤ VCC < 5.5V
VCC – 0.5V
V
VIL(EXT,OSC)
Low Level CA0/F0 External Oscillator
2.7V
≤ VCC < 5.5V
0.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current
Conversion Mode (Note 11)
160
250
µA
Sleep Mode (Note 11)
12
µA
The
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
POWER REQUIRE E TS
I2C DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CS (IN+)IN+ Sampling Capacitance
11
pF
CS (IN
)INSampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN
+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
–10
1
10
nA
IDC_LEAK (IN)INDC Leakage Current
Sleep Mode, IN= GND
–10
1
10
nA
IDC_LEAK (VREF)REF+, REFDC Leakage Current
Sleep Mode, VREF = VCC
–100
1
100
nA
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE


Similar Part No. - LTC2485CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2485 LINER-LTC2485 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2485 LINER-LTC2485 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2485 LINER-LTC2485 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2485 LINER-LTC2485_15 Datasheet
636Kb / 40P
   24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2485CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485_15 Datasheet
636Kb / 40P
   24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com