Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2485CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 7Page - Linear Technology LTC2485CDD Datasheet HTML 8Page - Linear Technology LTC2485CDD Datasheet HTML 9Page - Linear Technology LTC2485CDD Datasheet HTML 10Page - Linear Technology LTC2485CDD Datasheet HTML 11Page - Linear Technology LTC2485CDD Datasheet HTML 12Page - Linear Technology LTC2485CDD Datasheet HTML 13Page - Linear Technology LTC2485CDD Datasheet HTML 14Page - Linear Technology LTC2485CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
LTC2485
2485fa
FU CTIO AL BLOCK DIAGRA
PI FU CTIO S
REF+ (Pin 1), REF(Pin 3): Differential Reference Input.
The voltage on these pins can have any value between GND
and VCC as long as the reference positive input, REF+, is
more positive than the reference negative input, REF , by
at least 0.1V.
VCC (Pin 2): Positive Supply Voltage. Bypass to GND
(Pin 8) with a 1
µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor as close to the part as possible.
IN+ (Pin 4), IN(Pin 5): Differential Analog Input. The
voltage on these pins can have any value between
GND – 0.3V and VCC + 0.3V. Within these limits the
converter bipolar input range (VIN = IN+ – IN) extends
from –0.5 • VREF to 0.5 • VREF. Outside this input range
the converter produces unique overrange and underrange
output codes.
SCL (Pin 6): Serial Clock Pin of the I2C Interface. The
LTC2485 can only act as a slave and the SCL pin only
accepts external serial clock. Data is shifted into the SDA
pin on the rising edges of the SCL clock and output
through the SDA pin on the falling edges of the
SCL clock.
SDA (Pin 7): Bidirectional Serial Data Line of the I2C
Interface. In the transmitter mode (Read), the conversion
result is output through the SDA pin, while in the receiver
mode (Write), the device configuration bits are input
through the SDA pin. At data input mode, the pin is high
impedance; while at data output mode, it is an open-drain
N-channel driver and therefore an external pull-up resistor
or current source to VCC is needed.
GND (Pin 8): Ground. Connect this pin to a ground plane
through a low impedance connection.
CA1 (Pin 9): Chip Address Control Pin. The CA1 pin is
configured as a three state (LOW, HIGH, or Floating)
address control bit for the device I2C address.
CA0/F0 (Pin 10): Chip Address Control Pin/External Clock
Input Pin. When no transition is detected on the CA0/F0
pin, it is a two state (HIGH or Floating) address control bit
for the device I2C address. When the pin is driven by an
external clock signal with a frequency fEOSC of at least
10kHz, the converter uses this signal as its system clock
and the fundamental digital filter rejection null is located at
a frequency fEOSC/5120 and sets the Chip Address CA0
internally to a HIGH.
6
7
4
5
9
10
3RD ORDER
∆ΣADC
REF+
IN+
IN+
1
REF+
IN
IN
REF
I2C
SERIAL
INTERFACE
TEMP
SENSOR
MUX
SCL
2
VCC
3
REF
8
GND
CA0/F0
2485 FB
SDA
CA1
AUTOCALIBRATION
AND CONTROL
INTERNAL
OSCILLATOR


Similar Part No. - LTC2485CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2485 LINER-LTC2485 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2485 LINER-LTC2485 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2485 LINER-LTC2485 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2485 LINER-LTC2485_15 Datasheet
636Kb / 40P
   24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2485CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485_15 Datasheet
636Kb / 40P
   24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com