Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD7770 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD7770
Description  Audio DSP with Multi-Channel Audio CODEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD7770 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD7770 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD7770 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
[AK7770]
MS0699-E-01-PB
2008/06
- 7 -
No.
Pin name
I/O
Function
Classification
26
LRCLK1
I Left/Right Clock Input 1 Pin
System clock
27
CLK1
I Master Clock 1 Pin
28
BITCLK1
I Bit Clock 1 Pin
29
SDIN1
I Serial Data Input 1 Pin
Serial data
30
LRCLK2
I Left/Right Clock Input 2 Pin
System clock
31
CLK2
I Master Clock 2 Pin
32
BITCLK2
I Bit Clock 2 Pin
33
SDIN2
I Serial Data Input 2 Pin
34
CAD1
I I2C Bus Address Pin 1
I2C interface
35
CAD0
I I2C Bus Address Pin 0
I2C interface
36
SCL
I I2C Clock Pin
I2C interface
37
DVDD
- Digital Power Supply Pin 3.3V(typ)
38
VSS3
- Digital Ground Pin 0V
39
DVDD18
- Digital Power Supply Pin 1.8V(typ)
Digital power
supply
40
SDA
I/O I2C Bus Data Clock Pin
SDA goes to “Hi-Z” during initial reset.
I2C interface
41
HPEN
O Headphone Detect Output Pin
Initial reset for headphone search is determined by the state of HDT
Headphones
42
STO
O Status Output Pin
When HDT = “H”, STO = “L”
When HDT = “L”, STO = “H”
The output in initial reset is “H”
Status
43
TX
O
S/PDIF transmitter Output Pin
S/PDIF data is output when SELTX [1:0] bit= “00”. “L” during initial rest.
TX
44
DVDD
- Digital Power Supply Pin 3.3V(typ)
45
VSS3
- Digital Ground Pin 0V
46
DVDD18
- Digital Power Supply Pin 1.8V(typ)
Digital power
supply
47
SDIN3
I Serial Data Input 3 Pin
Serial data
48
BITCLK3
I Bit Clock 3 Pin
49
CLK3
I Master Clock 3 Pin
50
LRCLK3
I Left/Right Clock 3 Pin
System clock
51
CKM [1]
I
Clock Mode Selection Pin
Connect to GND.
Mode selection
52
TESTI3
I Test Pin
This pin must be connected to DVDD.
Test


Similar Part No. - AKD7770

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD7719 AKM-AKD7719 Datasheet
335Kb / 16P
   Low Power DSP for Voice and Audio Processing
AKD7719 AKM-AKD7719 Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AKD7722 AKM-AKD7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AKD7734 AKM-AKD7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AKD7742 AKM-AKD7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
More results

Similar Description - AKD7770

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com