Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7600 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK7600
Description  2/6-Channel Audio CODEC with Digital EQ
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7600 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK7600 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7600 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
[AK7600]
MS0999-E-00
2008/09
- 7 -
FILTER CHARACTERISTICS
(Ta= -40
∼ +85°C; AVDD=4.5∼ 5.5V, DVDD=4.5∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 9)
±0.1dB
−0.2dB
−3.0dB
PB
0
-
-
-
18.3
21.1
17.3
-
-
kHz
kHz
kHz
Stopband
(Note 9)
SB
25.7
-
-
kHz
Passband Ripple
PR
-
-
±0.04
dB
Stopband Attenuation
SA
68
-
-
dB
Group Delay Distortion
ΔGD
-
0
-
μs
Group Delay
(Note 10)
GD
-
16
-
1/fs
ADC Digital Filter (HPF):
Frequency Response (Note 9)
−3dB
−0.1dB
FR
-
-
0.86
5.9
-
-
Hz
Hz
DAC Digital Filter (LPF):
Passband
(Note 9)
±0.06dB
−6.0dB
PB
0
-
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 9)
SB
24.1
-
-
kHz
Passband Ripple
PR
-
-
±0.02
dB
Stopband Attenuation
SA
54
-
-
dB
Group Delay Distortion
ΔGD
-
0
-
μs
Group Delay
(Note 10)
GD
-
20
-
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response (Note 11)
20~20kHz
FR
-
±0.1
-
dB
Note 9. The passband and stopband frequencies scale with fs (system sampling rate). For example, when fs= 44.1kHz,
DAC is PB=0.45412*fs (@±0.06dB).
Note 10. The calculated delay time induced by digital filtering. This time is from the input of an analog signal to the
setting of 24bit data both channels to the ADC output register for ADC. This time is from the set of 24bit data to
the input registers to the output of analog signal for DAC.
Note 11. The reference frequency of these responses is 1kHz.


Similar Part No. - AK7600

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7601A AKM-AK7601A Datasheet
1Mb / 63P
   High Feature Digital Audio Processor with SRC
AK7601AVQ AKM-AK7601AVQ Datasheet
623Kb / 62P
   High Feature Digital Audio Processor with SRC
More results

Similar Description - AK7600

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
logo
Asahi Kasei Microsystem...
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4614 AKM-AK4614 Datasheet
1Mb / 69P
   6/12-Channel Audio CODEC
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
logo
Asahi Kasei Microsystem...
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
logo
Texas Instruments
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
logo
Asahi Kasei Microsystem...
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
logo
Integrated Device Techn...
STAC9202 IDT-STAC9202 Datasheet
965Kb / 135P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com