Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4421 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4421
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4421 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4421 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4421 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
[AK4421]
MS0945-E-01
2008/08
- 1 -
GENERAL DESCRIPTION
The AK4421 is 3.3V 24-bit stereo DAC with an integrated 2Vrms output buffer. A charge pump in the
buffer develops an internal negative power supply rail that enables a ground-referenced 2Vrms output.
Using AKM’s multi bit modulator architecture, the AK4421 delivers a wide dynamic range while preserving
linearity for improved THD+N performance. The AK4421 integrates a combination of switched-capacitor
and continuous-time filters, increasing performance for systems with excessive clock jitter. The 24-bit
word length and 192kHz sampling rate make this part ideal for a wide range of consumer audio
applications, such as portable A/V players, set-top boxes, and digital televisions. The AK4421 is offered in
a space saving 16pin TSSOP package.
FEATURES
Sampling Rate Ranging from 8kHz to 192kHz
128 times Oversampling (Normal Speed Mode)
64 times Oversampling (Double Speed Mode)
32 times Oversampling (Quad Speed Mode)
24-Bit 8 times FIR Digital Filter
Switched-Capacitor Filter with High Tolerance to Clock Jitter
Single Ended 2Vrms Output Buffer
Soft mute
I/F format: 24-Bit MSB justified or I
2S
Master clock: 512fs, 768fs or 1152fs (Normal Speed Mode)
256fs or 384fs (Double Speed Mode)
128fs or 192fs (Quad Speed Mode)
THD+N: -92dB (-3dB output level)
Dynamic Range: 102dB
Automatic Power-on Reset Circuit
Power supply: +3.0
∼ +3.6V
Ta = -20 to 85
°C
Small Package: 16pin TSSOP (6.4mm x 5.0mm)
192kHz 24-Bit Stereo
ΔΣ DAC with 2Vrms Output
AK4421
DIF
LRCK
BICK
SDTI
Audio
Data
Interface
MCLK
ΔΣ
Modulator
AOUTL
8X
Interpolator
SCF
LPF
AOUTR
VDD
VSS1
Control
Interface
Clock
Divider
ΔΣ
8X
Interpolator
SCF
LPF
Charge
Pump
CP
CN
VEE
VSS2
CVDD
DZF
SMUTE
Modulator


Similar Part No. - AKD4421

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4421A AKM-AKD4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AKD4421A-SA AKM-AKD4421A-SA Datasheet
600Kb / 22P
   AK4421A Evaluation Board Rev.1
More results

Similar Description - AKD4421

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com