Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4614VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4614VQ
Description  6/12-Channel Audio CODEC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4614VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4614VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
[AK4614]
MS1025-E-00
2008/10
- 7 -
No. Pin Name
I/O
Function
LOUT1+
O
Lch Analog Positive Output 1 Pin (DOE1 bit = “H”)
36
LOUT1
O
Lch Analog Output 1 Pin (DOE1 bit = “L”)
37
LOUT1-
O
Lch Analog Negative Output 1 Pin (When DOE1 bit = “L”, this pin must be open.)
ROUT1+
O
Rch Analog Positive Output 1 Pin (DOE1 bit = “H”)
38
ROUT1
O
Rch Analog Output 1 Pin (DOE1 bit = “L”)
39
ROUT1-
O
Rch Analog Negative Output 1 Pin (When DOE1 bit = “L”, this pin must be open.)
LOUT2+
O
Lch Analog Positive Output 2 Pin (DOE2 bit = “H”)
40
LOUT2
O
Lch Analog Output 2 Pin (DOE2 bit = “L”)
41
LOUT2-
O
Lch Analog Negative Output 2 Pin (When DOE2 bit = “L”, this pin must be open.)
ROUT2+
O
Rch Analog Positive Output 2 Pin (DOE2 bit = “H”)
42
ROUT2
O
Rch Analog Output 2 Pin (DOE2 bit = “L”)
43
ROUT2-
O
Rch Analog Negative Output 2 Pin (When DOE2 bit = “L”, this pin must be open.)
LOUT3+
O
Lch Analog Positive Output 3 Pin (DOE3 bit = “H”)
44
LOUT3
O
Lch Analog Output 3 Pin (DOE3 bit = “L”)
45
LOUT3-
O
Lch Analog Negative Output 3 Pin (When DOE3 bit = “L”, this pin must be open.)
ROUT3+
O
Rch Analog Positive Output 3 Pin (DOE3 bit = “H”)
46
ROUT3
O
Rch Analog Output 3 Pin (DOE3 bit = “L”)
47
ROUT3-
O
Rch Analog Negative Output 3 Pin (When DOE3 bit = “L”, this pin must be open.)
48
VSS2
-
Ground Pin, 0V
49
AVDD2
-
Analog Power Supply Pin, 3.0V
∼3.6V
50
VREFH2
I
Positive Voltage Reference Input Pin, AVDD2
LOUT4+
O
Lch Analog Positive Output 4 Pin (DOE4 bit = “H”)
51
LOUT4
O
Lch Analog Output 4 Pin (DOE4 bit = “L”)
52
LOUT4-
O
Lch Analog Negative Output 4 Pin (When DOE4 bit = “L”, this pin must be open.)
ROUT4+
O
Rch Analog Positive Output 4 Pin (DOE4 bit = “H”)
53
ROUT4
O
Rch Analog Output 4 Pin (DOE4 bit = “L”)
54
ROUT4-
O
Rch Analog Negative Output 4 Pin (When DOE4 bit = “L”, this pin must be open.)
LOUT5+
O
Lch Analog Positive Output 5 Pin (DOE5 bit = “H”)
55
LOUT5
O
Lch Analog Output 5 Pin (DOE5 bit = “L”)
56
LOUT5-
O
Lch Analog Negative Output 5 Pin (When DOE5 bit = “L”, this pin must be open.)
ROUT5+
O
Rch Analog Positive Output 5 Pin (DOE5 bit = “H”)
57
ROUT5
O
Rch Analog Output 5 Pin (DOE5 bit = “L”)
58
ROUT5-
O
Rch Analog Negative Output 5 Pin (When DOE5 bit = “L”, this pin must be open.)
LOUT6+
O
Lch Analog Positive Output 6 Pin (DOE6 bit = “H”)
59
LOUT6
O
Lch Analog Output 6 Pin (DOE6 bit = “L”)
60
LOUT6-
O
Lch Analog Negative Output 6 Pin (When DOE6 bit = “L”, this pin must be open.)
ROUT6+
O
Rch Analog Positive Output 6 Pin (DOE6 bit = “H”)
61
ROUT6
O
Rch Analog Output 6 Pin (DOE6 bit = “L”)
62
ROUT6-
O
Rch Analog Negative Output 6 Pin (When DOE6 bit = “L”, this pin must be open.)
OVF1
O
Analog Input Overflow Detect 1 Pin (Note 1)
This pin goes to “H” if the analog input of Lch or Rch overflows.
63
DZF1
O
Zero Input Detect 1 Pin
(Note 2)
When the input data of the group 1 follow total 8192 LRCK cycles with “0” input data,
this pin goes to “H”. And when RSTN bit is “0”, PMDAC bit is “0”, this pin goes to “H”.
OVF2
O
Analog Input Overflow Detect 2 Pin (Note 1)
This pin goes to “H” if the analog input of Lch or Rch overflows.
64
DZF2
O
Zero Input Detect 2 Pin
(Note 2)
When the input data of the group 2 follow total 8192 LRCK cycles with “0” input data,
this pin goes to “H”. And when RSTN bit is “0”, PMDAC bit is “0”, this pin goes to “H”.
LIN1+
I
Lch Analog Positive Input 1 Pin (DIE1 bit = “H”)
65
LIN1
I
Lch Analog Input 1 Pin (DIE1 bit = “L”)
66
LIN1-
-
Lch Analog Negative Input 1 Pin (When DIE1 bit = “L”, this pin must be open.)
(Note 3)
RIN1+
I
Rch Analog Positive Input 1 Pin (DIE1 bit = “H”)
67
RIN1
I
Rch Analog Input 1 Pin (DIE1 bit = “L”)


Similar Part No. - AK4614VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611EQ AKM-AK4611EQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611VQ AKM-AK4611VQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
More results

Similar Description - AK4614VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK7600 AKM-AK7600 Datasheet
432Kb / 38P
   2/6-Channel Audio CODEC with Digital EQ
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Realtek Semiconductor C...
ALC262-GR REALTEK-ALC262-GR Datasheet
1Mb / 76P
   4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
ALC262-GR REALTEK-ALC262-GR_08 Datasheet
1Mb / 87P
   4-CHANNEL DAC AND 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
logo
List of Unclassifed Man...
CMI9761A ETC-CMI9761A Datasheet
535Kb / 23P
   C-Media CMI9761A / 9761A 6 Channel AC97 2.3 Audio Codec
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com