Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4614VQ Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4614VQ
Description  6/12-Channel Audio CODEC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4614VQ Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4614VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4614VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
[AK4614]
MS1025-E-00
2008/10
- 4 -
Ordering Guide
AK4614VQ
-40
∼ +105°C
80pin LQFP(0.5mm pitch)
AKD4614
Evaluation Board for AK4614
Pin Layout
(TOP VIEW)
80 pin LQFP
LOUT2+ / LOUT2
61
62
63
64
65
66
67
68
69
70
72
73
71
74
76
77
75
78
79
80
40
39
38
37
36
35
34
33
32
31
29
28
30
27
25
24
26
23
22
21
ROUT1-
ROUT1+ / ROUT1
LOUT1+ / LOUT1
DVMPD
LOUT1-
SDTI6
SDTI5
SDTI4
SDTI3
SDTI2
BICK
LRCK
SDTI1
SDTO3
SDTO2
SDTO1
VSS4
TVDD1
XTI / MCKI
ROUT6+ / ROUT6
ROUT6-
OVF1 / DZF1
LIN1-
RIN1+ / RIN1
RIN1-
LIN2+ / LIN2
LIN2-
RIN2+ / RIN2
LIN3+ / LIN3
LIN3-
RIN2-
VSS1
VREFH1
VCOM
RIN3+ / RIN3
RIN3-
OVF2 / DZF2
LIN1+ / LIN1
AVDD1
Figure 2. Pin Layout


Similar Part No. - AK4614VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611EQ AKM-AK4611EQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611VQ AKM-AK4611VQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
More results

Similar Description - AK4614VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK7600 AKM-AK7600 Datasheet
432Kb / 38P
   2/6-Channel Audio CODEC with Digital EQ
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Realtek Semiconductor C...
ALC262-GR REALTEK-ALC262-GR Datasheet
1Mb / 76P
   4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
ALC262-GR REALTEK-ALC262-GR_08 Datasheet
1Mb / 87P
   4-CHANNEL DAC AND 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
logo
List of Unclassifed Man...
CMI9761A ETC-CMI9761A Datasheet
535Kb / 23P
   C-Media CMI9761A / 9761A 6 Channel AC97 2.3 Audio Codec
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com