Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4614 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4614
Description  6/12-Channel Audio CODEC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4614 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4614 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
[AK4614]
MS1025-E-00
2008/10
- 11 -
DAC Analog Output Characteristics (differential outputs)
0dBFS
90
100
dB
fs=48kHz
BW=20kHz
-60dBFS
45
0dBFS
88
98
fs=96kHz
BW=40kHz
-60dBFS
42
0dBFS
98
S/(N+D)
fs=192kHz
BW=40kHz
-60dBFS
42
DR
(-60dBFS with A-weighted)
100
108
dB
S/N
(A-weighted)
100
108
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
AOUT=0.65xVREFH2
(Note 8)
±1.87
±2.08
±2.29
Vpp
Load Resistance
(Note 10)
2
k
Ω
Load Capacitance
30
pF
Power Supply Rejection
(Note 7)
50
dB
Note 7. PSR is applied to AVDD1, AVDD2, DVDD, TVDD1 and TVDD2 with 1kHz, 50mVpp. VREFH1 and VREFH2
pins are held a constant voltage +3.3V.
Note 8. This value is (LIN+) – (LIN-) and (RIN+) – (RIN-). The voltage is proportional to VREFH1, VREFH2 voltage.
Note 9. VREFH1 and VREFH2 are held +3.3V, the input bias voltage is set to AVDD1, 2 x 0.5. The 1kHz, 0.96Vpp
signal is applied to LIN- and LIN+ with same phase (e.g. shorted) or RIN- and RIN+. The CMRR is measured as
the attenuation level from 0dB = -7dBFS (since the normal 0.96Vpp = -7dBFS). This value is guaranteed but not
tested.
Note 10. For AC-load. In the case of DC-load is 5kΩ.
Note 11. This value is Load Capacitance for output pin to GND. In differential mode, this value should be estimated to be
twice, because Load Capacitance exists to GND and between the differential pin.
Parameter
min
typ
max
Units
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
AVDD1+AVDD2
fs=48kHz, 96kHz, 192kHz
DVDD
fs=48kHz
fs=96kHz
fs=192kHz
TVDD1+TVDD2
fs=48kHz
fs=96kHz
fs=192kHz
Power-down mode
(PDN pin = “L”, DVMPD = “ L”)
(Note 12)
AVDD1+AVDD2+DVDD+TVDD1+TVDD2
(PDN pin = “L”, DVMPD = “ H”)
(Note 12)
AVDD1+AVDD2+DVDD+TVDD1+TVDD2
95.0
18.0
25.0
40.0
6.0
7.0
7.0
300
10
125.0
24.0
35.0
55.0
8.0
9.5
9.5
550
200
mA
mA
mA
mA
mA
mA
mA
µA
µA
Note 12. In the power-down mode, all digital input pins including clock pins are held VSS3 (TST1, TST3, TST4, TST5,
CAD0, CAD1, I2C, CSN, CCLK, CDTI pins), VSS4 (TST2, M/S, MCKI, LRCK, BICK, SDTI1, SDTI2, SDTI3,
SDTI4,SDTI5, SDTI6).


Similar Part No. - AK4614

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611EQ AKM-AK4611EQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611VQ AKM-AK4611VQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
More results

Similar Description - AK4614

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK7600 AKM-AK7600 Datasheet
432Kb / 38P
   2/6-Channel Audio CODEC with Digital EQ
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Realtek Semiconductor C...
ALC262-GR REALTEK-ALC262-GR Datasheet
1Mb / 76P
   4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
ALC262-GR REALTEK-ALC262-GR_08 Datasheet
1Mb / 87P
   4-CHANNEL DAC AND 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
logo
List of Unclassifed Man...
CMI9761A ETC-CMI9761A Datasheet
535Kb / 23P
   C-Media CMI9761A / 9761A 6 Channel AC97 2.3 Audio Codec
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com