Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4421ET Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4421ET
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4421ET Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4421ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 11Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 12Page - Asahi Kasei Microsystems AK4421ET Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
[AK4421]
MS0945-E-01
2008/08
- 9 -
OPERATION OVERVIEW
System Clock
The external clocks required to operate the AK4421 are MCLK, LRCK, and BICK. The master clock (MCLK) should be
synchronized with LRCK, but the phase is not critical. The MCLK is used to operate the digital interpolation filter and the
delta-sigma modulator. Sampling speed and MCLK frequency are detected automatically, and then the internal master
clock is set to the appropriate frequency (Table 1).
The AK4421 is automatically placed in power saving mode when MCLK and LRCK stop during normal operation mode,
and the analog output goes to 0V(typ). When MCLK and LRCK are input again, the AK4421 is powered up. After exiting
reset following power-up, the AK4421 is not fully operational until MCLK and LRCK are input.
LRCK
MCLK (MHz)
fs
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
Sampling
Speed
32.0kHz
-
-
-
-
16.3840
24.5760
36.8640
44.1kHz
-
-
-
-
22.5792
33.8688
-
48.0kHz
-
-
-
-
24.5760
36.8640
-
Normal
88.2kHz
-
-
22.5792
33.8688
-
-
-
96.0kHz
-
-
24.5760
36.8640
-
-
-
Double
176.4kHz
22.5792
33.8688
-
-
-
-
-
192.0kHz
24.5760
36.8640
-
-
-
-
-
Quad
Table 1. System Clock Example
When MCLK= 256fs/384fs, the Auto Setting Mode supports sampling rate of 32kHz~96kHz (Table 1). But, when the
sampling rate is 32kHz~48kHz, DR and S/N will degrade by approximately 3dB as compared to when MCLK=
512fs/768fs (Table 2).
MCLK
DR,S/N
256fs/384fs
99dB
512fs/768fs
102dB
Table 2. Relationship between MCLK frequency and DR, S/N (fs= 44.1kHz)
Audio Serial Interface Format
The audio data is shifted in via the SDTI pin using the BICK and LRCK inputs. The DIF pin can select between two serial
data modes as shown in Table 3. In all modes the serial data is MSB-first, two’s complement format and it is latched on
the rising edge of BICK. In one cycle of LRCK, eight “H” pulses or more must not be input to the DIF pin.
Mode
DIF
SDTI Format
BICK
Figure
0
L
24bit MSB justified
≥48fs
Figure 3
1
H
24bit I2S
≥48fs
Figure 4
Table 3. Audio Data Formats


Similar Part No. - AK4421ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421AET AKM-AK4421AET Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4421ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com