Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4373 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4373
Description  Low Power Stereo DAC with HP/SPK-Amp
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4373 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4373 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
[AK4373]
MS0991-E-00
2008/09
- 3 -
MUTET
HVDD VSS2
AVDD VSS1
VCOM
DVDD
PMHPR
HPR+
HPR-
VSS3
PDN
Control
Register
SCL/CCLK
SDA/CDTI
CAD0/CSN
I2C
Headphone(Rch)
D/A
DATT
SMUTE
PMDAC
Digital
Processing
- HPF
- LPF
- 3D Enhance
- Frequency
Compensation
- 5-BiQuads
- ALC/Limiter
PMHPL
HPL+
HPL-
Headphone(Lch)
Audio
I/F
PLL
PMPLL
PDN
BICK
LRCK
SDTI
MCKI
VCOC
MCKO
Mono In
MIN-
PMMIN
MIN+
DACH
MINH
DACH
VOL
HPG
VOL
HPG
Figure 2. Block Diagram (Differential mode, HPBTL bit = “1”, PSEUDO bit = “0”)
D/A
DATT
SMUTE
PMDAC
PMHPL
PMHPR
Headphone
Digital
Processing
- HPF
- LPF
- 3D Enhance
- Frequency
Compensation
- 5-BiQuads
- ALC/Limiter
HPL
HPR
MUTET
HVDD VSS2
AVDD VSS1
VCOM
DVDD
Mono In
MIN-
HVCM
VSS3
Audio
I/F
PLL
PMPLL
PDN
BICK
LRCK
SDTI
MCKI
VCOC
Control
Register
SCL/CCLK
SDA/CDTI
MCKO
CAD0/CSN
I2C
PMMIN
MIN+
COMMON
PMHPL or PMHPR
TEST
DACH
MINH
DACH
VOL
HPG
VOL
HPG
Figure 3. Block Diagram (Pseudo cap-less mode, HPBTL bit = “0”, PSEUDO bit = “1”)


Similar Part No. - AKD4373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4373-B AKM-AKD4373-B Datasheet
966Kb / 34P
   AK4373 Evaluation Board Rev.1
More results

Similar Description - AKD4373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com