Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4390 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4390
Description  Ultra Low Latency 32-Bit ?誇 DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4390 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4390 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4390 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
[AK4390]
MS1046-E-00
2009/01
- 9 -
Short Delay FILTER CHARACTERISTICS (fs = 44.1kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Normal Speed Mode; DEM=OFF; SD bit=“1”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 14)
±0.01dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 13)
SB
24.1
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
100
dB
Group Delay
(Note 14)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 20.0kHz
-
±0.2
-
dB
Short Delay FILTER CHARACTERISTICS (fs = 96kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Double Speed Mode; DEM=OFF; SD bit=“1”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 13)
±0.01dB
−6.0dB
PB
0
-
48.0
43.5
-
kHz
kHz
Stopband
(Note 13)
SB
52.5
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
95
dB
Group Delay
(Note 14)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 40.0kHz
-
±0.3
-
dB
Short Delay FILTER CHARACTERISTICS (fs = 192kHz)
(Ta=25
°C; AVDD=VDDL/R=4.75 ∼ 5.25V, DVDD=4.75 ∼ 5.25V; Quad Speed Mode; DEM=OFF; SD bit=“1”)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 13)
±0.01dB
−6.0dB
PB
0
-
96.0
87.0
-
kHz
kHz
Stopband
(Note 13)
SB
105
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
90
dB
Group Delay
(Note 14)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 80.0kHz
-
+0/
−1
-
dB


Similar Part No. - AK4390

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4392EQ AKM-AK4392EQ Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
AK4393 AKM-AK4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AK4393 AKM-AK4393 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results

Similar Description - AK4390

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
logo
ESS Technology,Inc
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
   Ultra 32-bit 8-Channel Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
   Ultra 32-bit Stereo Mobile Audio DAC
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com