Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2452CDDB-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2452CDDB-TRPBF
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452CDDB-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2452CDDB-TRPBF Datasheet HTML 4Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 5Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC2452CDDB-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2452
8
2452fb
APPLICATIONS INFORMATION
Ease of Use
The LTC2452 data output has no latency, filter settling delay
or redundant results associated with the conversion cycle.
There is a one-to-one correspondence between the conver-
sion and the output data. Therefore, multiplexing multiple
analog input voltages requires no special actions.
The LTC2452 performs offset calibrations every conver-
sion. This calibration is transparent to the user and has no
effect upon the cyclic operation described previously. The
advantage of continuous calibration is stability of the ADC
performance with respect to time and temperature.
The LTC2452 includes a proprietary input sampling scheme
that reduces the average input current by several orders
of magnitude when compared to traditional delta-sigma
architectures. This allows external filter networks to in-
terface directly to the LTC2452. Since the average input
sampling current is 50nA, an external RC lowpass filter
using 1kΩ and 0.1μF results in <1LSB additional error.
Additionally, there is negligible leakage current between
IN+ and IN.
Reference Voltage Range
The LTC2453 reference input range is 2.5V to VCC. For the
simplest operation, REF can be shorted to VCC.
Input Voltage Range
As mentioned in the Output Data Format section, the output
code is given as 32768•VIN/VREF + 32768. For VIN ≥ VREF,
the output code is clamped at 65535 (all ones). For VIN
–VREF, the output code is clamped at 0 (all zeroes).
Figure 3. Output Code vs VIN+ with VIN– = 0
The LTC2452 includes a proprietary system that can,
typically, digitize each input 8LSB above VREF and below
GND, if the differential input is within ±VREF. As an ex-
ample (Figure 3), if the user desires to measure a signal
slightly below ground, the user could set VIN– = GND,
and VREF = 5V. If VIN+ = GND, the output code would be
approximately 32768. If VIN+ = GND – 8LSB = –1.22 mV,
the output code would be approximately 32760.
Output Data Format
The LTC2452 generates a 16-bit direct binary encoded
result. It is provided as a 16-bit serial stream through the
SDO output pin under the control of the SCK input pin
(see Figure 4).
Letting VIN = (VIN+ – VIN–), the output code is given
as 32768•VIN/VREF + 32768. The first bit output by the
LTC2452, D15, is the MSB, which is 1 for VIN+ ≥ VIN– and
0 for VIN+ < VIN–. This bit is followed by successively less
significant bits (D14, D13...) until the LSB is output by the
LTC2452. Table 1 shows some example output codes.
Table 1. LTC2452 Output Data Format
DIFFERENTIAL INPUT
VOLTAGE VIN+ – VIN–
D15
(MSB)
D14
D13
D12...D2
D1
D0
(LSB)
CORRESPONDING
DECIMAL VALUE
≥VREF
1
1
1
1
1
1
65535
VREF – 1LSB
1
1
1
1
1
0
65534
0.5•VREF
1
1
0
0
0
0
49152
0.5•VREF – 1LSB
1
0
1
1
1
1
49151
0
1
0
0
0
0
0
32768
–1LSB
0
1
1
1
1
1
32767
–0.5•VREF
0
1
0
0
0
0
16384
–0.5•VREF – 1LSB
0
0
1
1
1
1
16383
≤ –VREF
00
0
0
0
0
0
VIN
+/VREF+
–0.001
4
12
20
0.001
2452 F03
–4
–12
0
8
16
–8
–16
–20
–0.005
0
0.005
0.0015
SIGNALS
BELOW
GND


Similar Part No. - LTC2452CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2452 LINER-LTC2452 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2452 LINER-LTC2452 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2452 LINER-LTC2452 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
More results

Similar Description - LTC2452CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
   Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com