Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2365IS6-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2365IS6-TRPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365IS6-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2365IS6-TRPBF Datasheet HTML 1Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 2Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 3Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 4Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2365IS6-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2365/LTC2366
4
23656f
The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
2.7V < VDD ≤ 3.6V
2.35V ≤ VDD ≤ 2.7V
l
l
2
1.7
V
V
VIL
Low Level Input Voltage
2.7V < VDD ≤ 3.6V
2.35V ≤ VDD ≤ 2.7V
l
l
0.8
0.7
V
V
IIH
High Level Input Current
VIN = VDD
l
2.5
μA
IIL
Low Level Input Current
VIN = 0V
l
–2.5
μA
CIN
Digital Input Capacitance
2pF
VOH
High Level Output Voltage
VDD = 2.35V to 3.6V, ISOURCE = 200μA
l VDD –0.2
V
VOL
Low Level Output Voltage
VDD = 2.35V to 3.6V, ISINK = 200μA
l
0.2
V
IOZ
Hi-Z Output Leakage
CS = VDD
l
±3
μA
COZ
Hi-Z Output Capacitance
CS = VDD
4pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
POWER REQUIREMENT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.35
3.0
3.6
V
OVDD
Digital Output Supply Voltage
l
1
3.6
V
IDD
Supply Current, Static Mode
Operational Mode, LTC2366
Operational Mode, LTC2365
Sleep Mode
Sleep Mode
CS = 0V, SCK = 0V or VDD
fSMPL = 3Msps
fSMPL = 1Msps
–40°C to +85°C
+85°C to +125°C
l
l
l
l
1
2.6
2
0.1
4
3.5
2
5
mA
mA
mA
μA
μA
PD
Power Dissipation, Static Mode
Operational Mode, LTC2366
Operational Mode, LTC2365
Sleep Mode
Sleep Mode
CS = 0V, SCK = 0V or VDD
fSMPL = 3Msps
fSMPL = 1Msps
–40°C to +85°C
+85°C to +125°C
l
l
l
l
7.8
6
0.3
3.6
14.4
12.6
7.2
18
mW
mW
mW
μW
μW


Similar Part No. - LTC2365IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com