Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360IS6-TRMPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2360IS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360IS6-TRMPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2360IS6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2360IS6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2360/LTC2361/LTC2362
5
236012f
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: When pins AIN and VREF are taken below GND or above VDD,
they will be clamped by internal diodes. These products can handle input
currents greater than 100mA below GND or above VDD without latch-up.
Note 4: VDD = OVDD = VREF = 2.35V to 3.6V, fSMPL = fSMPL(MAX) and
fSCK = fSCK(MAX) unless otherwise specified.
Note 5: Integral linearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
SYMBOL
PARAMETER
CONDITIONS
LTC2360
LTC2361
LTC2362
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fSMPL(MAX)
Maximum Sampling Frequency
(Notes 8, 9)
l 100
250
500
kHz
fSCK
Shift Clock Frequency
(Notes 8, 9)
l
10
25
50
MHz
tSCK
Shift Clock Period
l 100
40
20
ns
tTHROUGHPUT Minimum Throughput Time, tACQ + tCONV
l
10
4
2
μs
tACQ
Acquisition Time
l
2
1
0.5
μs
tCONV
Conversion Time
l
8
3
1.5
μs
t1
Minimum Positive CONV Pulse Width
(Note 8)
l
8
3
1.5
μs
t2
SCK↑ Setup Time After CONV↓
(Note 8)
l
16
16
16
ns
t3
SDO Enabled Time After CONV↓
(Notes 8, 9)
l
16
16
16
ns
t4
SDO Data Valid Access Time After SCK↓ (Notes 8, 9, 10) l
888
ns
t5
SCK Low Time
(Note 11)
l 40%
40%
40%
tSCK
t6
SCK High Time
(Note 11)
l 40%
40%
40%
tSCK
t7
SDO Data Valid Hold Time After SCK↓
(Notes 8, 9, 10)
l
444
ns
t8
SDO Into Hi-Z State Time After CONV↑
(Notes 8, 9)
6
6
6
ns
Note 6: Linearity, offset and gain specifications apply for a single-ended
AIN input with respect to GND.
Note 7: Typical RMS noise at code transitions.
Note 8: Guaranteed by characterization. All input signals are specified with
tr = tf = 2ns (10% to 90% of VDD) and timed from a voltage level of 1.6V.
Note 9: All timing specifications given are with a 10pF capacitance load.
With a capacitance load greater than this value, a digital buffer or latch
must be used.
Note 10: The time required for the output to cross the VIH or VIL voltage.
Note 11: Guaranteed by design, not subject to test.
Note 12: High temperatures degrade operating lifetimes. Operating lifetime
is derated at temperatures greater than 105°C.


Similar Part No. - LTC2360IS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360IS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com