Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIT1042 Datasheet(PDF) 16 Page - ANADIGICS, Inc

Part # AIT1042
Description  Integrated Digital Tuner with RF and IF Gain Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AIT1042 Datasheet(HTML) 16 Page - ANADIGICS, Inc

Back Button AIT1042 Datasheet HTML 11Page - ANADIGICS, Inc AIT1042 Datasheet HTML 12Page - ANADIGICS, Inc AIT1042 Datasheet HTML 13Page - ANADIGICS, Inc AIT1042 Datasheet HTML 14Page - ANADIGICS, Inc AIT1042 Datasheet HTML 15Page - ANADIGICS, Inc AIT1042 Datasheet HTML 16Page - ANADIGICS, Inc AIT1042 Datasheet HTML 17Page - ANADIGICS, Inc AIT1042 Datasheet HTML 18Page - ANADIGICS, Inc AIT1042 Datasheet HTML 19Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
PRELIMINARY DATA SHEET - Rev 1.0
02/2009
AIT1042
Synthesizer Programming Example
ThefollowingisanexampleforprogrammingthetwosynthesizersintheAIT1042device.Thecalculations
willdeterminethevaluesrequiredtoinputintothefourmainregisters:
•Maindividerandreferencedividerfortheupconverter
•Maindividerandreferencedividerforthedownconverter.
Conditions
ThedesiredCATVfrequencytoreceiveis55.25MHz(picturecarrier).
The1stIF(HIF)is1690.75MHzandthe2ndIFis45.75MHz.
Phasedetectorcomparisonfrequencyfortheupconverteris2000KHz(2MHz).
Phasedetectorcomparisonfrequencyforthedownconverteris62.5KHz.
Thecrystal(xtal)referenceoscillatorfrequencyis16MHz
Thepresetmodulusoftheprescalarfor:Upconverter-P=16andforDownconveter–P=64.
Calculation of the Reference Divider Values
Thevalueforeachreferencedividercanbecalculatedbydividingthereferenceoscillatorfrequencybythe
desiredphasedetectorcomparisonfrequency:
R=Fref.osc./FPD
Fortheupconverter,the16MHzcrystaloscillatorfrequencyandthe2000KHzphasedetectorcomparison
frequencyareusedtoget:
RPLL1=16MHz/2000KHz(2MHz)=8.Therefore,thebitvaluesfortheupconverterreferencedividerregis-
terwouldbe:0000001000
Forthedownconverter,the16MHzcrystaloscillatorfrequencyandthe62.5KHzphasedetectorcomparison
frequencyareusedtoget:RPLL2=16MHz/62.5KHz(0.625MHz)=256.Therefore,thebitvaluesforthe
downconverterreferencedividerregisterwouldbe:
0100000000
Main Divider Register Calculations
ThevaluesoftheAandBcountersaredeterminedbythedesiredVCOoutputfrequencyoftheon-chiplocal
oscillatorsandthephasedetectorcomparisonfrequency:
N=FVCO/FPDB=trunc(N/P)A=N–(BxP)
Theupconverterlocaloscillatorfrequencywillbe1690.75MHz+55.25MHz=1746MHzforthisexample.
Therefore,theNvalueforPLL1willbe=1746MHz/2MHz=873,theBvalueforPLL1willbe=(873/16)=
54,andtheAvalueforPLL1willbe=873–(54x16)=9.Theupconvertermaindividerregistervaluewill
be:B=00000110110,A=0001001
Thedownconverterlocaloscillatorfrequencywillbe1690.75–45.75MHz=1645MHz.
Therefore,theNvaluesforPLL2willbe1645MHz/62.5KHz=26320,theBvalueforPLL2willbe=
(26320/64)=411,andtheAvalueforPLL2willbe=26320–(411x64)=16.Thedownconvertermain
registervaluewillbe:B=00110011011,A=0010000


Similar Part No. - AIT1042

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AIT1000 ANADIGICS-AIT1000 Datasheet
115Kb / 2P
   Picotuner Complete Integrated Data Tuner
AIT1000M ANADIGICS-AIT1000M Datasheet
115Kb / 2P
   Picotuner Complete Integrated Data Tuner
AIT1005 ANADIGICS-AIT1005 Datasheet
77Kb / 1P
   PicoTuner Complete Integrated Data Tuner
More results

Similar Description - AIT1042

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
   4:2 IF switch with integrated gain and control
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
   4:2 IF switch with integrated gain and control
ZXHF5000 DIODES-ZXHF5000 Datasheet
87Kb / 2P
   4:2 IF switch with integrated gain and control
logo
NXP Semiconductors
TDA18254AHN NXP-TDA18254AHN Datasheet
140Kb / 8P
   Cable Silicon Tuner Integrated wideband gain control
Rev. 4-10 May 2011
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Analog Devices
AD8302 AD-AD8302_15 Datasheet
568Kb / 24P
   RF/IF Gain and Phase Detector
REV. A
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
ZL10038LDG ZARLINK-ZL10038LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com