Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2361HS6-TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2361HS6-TRMPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2361HS6-TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2361HS6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 12Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 13Page - Linear Technology LTC2361HS6-TRMPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2360/LTC2361/LTC2362
10
236012f
BLOCK DIAGRAM
236012 F01
t8
Hi-Z
1.6V
CONV
SDO
Figure 1. SDO Into Hi-Z State After CONV Rising Edge
Figure 2. SDO Data Valid Hold Time After SCK Falling Edge
Figure 3. SDO Data Valid Acess Time After SCK Falling Edge
VIH
236012 F02
VIL
t7
1.6V
SCK
SDO
VIH
236012 F03
VIL
t4
1.6V
SCK
SDO
TIMING DIAGRAMS
12-BIT ADC
VDD
AIN
S AND H
ANALOG
INPUT
RANGE
0V TO VREF
THREE-STATE
SERIAL
OUTPUT
PORT
TIMING
LOGIC
6
7
SDO
SCK
CONV
236012 BD
8
2.2μF
1
4
2
VREF
3
GND
OVDD
2.2μF
5
2.2μF
TS8 PACKAGE


Similar Part No. - LTC2361HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2361HS6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com