Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2260UJ-14 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2260UJ-14
Description  14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2260UJ-14 Datasheet(HTML) 4 Page - Linear Technology

  LTC2260UJ-14 Datasheet HTML 1Page - Linear Technology LTC2260UJ-14 Datasheet HTML 2Page - Linear Technology LTC2260UJ-14 Datasheet HTML 3Page - Linear Technology LTC2260UJ-14 Datasheet HTML 4Page - Linear Technology LTC2260UJ-14 Datasheet HTML 5Page - Linear Technology LTC2260UJ-14 Datasheet HTML 6Page - Linear Technology LTC2260UJ-14 Datasheet HTML 7Page - Linear Technology LTC2260UJ-14 Datasheet HTML 8Page - Linear Technology LTC2260UJ-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2261-14
LTC2260-14/LTC2259-14
4
226114f
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1 to 2
VP-P
VIN(CM)
Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8)
l VCM – 100mV
VCM
VCM + 100mV
V
VSENSE
External Voltage Reference Applied to SENSE External Reference Mode
l
0.625
1.250
1.300
V
IINCM
Analog Input Common Mode Current
Per Pin, 125Msps
Per Pin, 105Msps
Per Pin, 80Msps
155
130
100
μA
μA
μA
IIN1
Analog Input Leakage Current
0 < AIN+, AIN– < VDD, No Encode
l
–1
1
μA
IIN2
PAR/SER Input Leakage Current
0 < PAR/SER < VDD
l
–3
3
μA
IIN3
SENSE Input Leakage Current
0.625 < SENSE < 1.3V
l
–6
6
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
0.17
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
BW-3B
Full-Power Bandwidth
Figure 6 Test Circuit
800
MHz
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2261-14
LTC2260-14
LTC2259-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
70MHz Input
140MHz Input
l 71.3
73.4
73.2
72.7
71.3
73.4
73.2
72.7
70.9
73.1
72.9
72.4
dB
dB
dB
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
70MHz Input
140MHz Input
l
76
88
85
82
76
88
85
82
79
88
85
82
dB
dB
dB
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
70MHz Input
140MHz Input
l
85
90
90
90
83
90
90
90
85
90
90
90
dB
dB
dB
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
5MHz Input
70MHz Input
140MHz Input
l 70.2
73
72.6
72
70.2
73
72.6
72
70.4
72.9
72.6
72
dB
dB
dB
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.5 • VDD – 25mV
0.5 • VDD
0.5 • VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600μA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V


Similar Part No. - LTC2260UJ-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2260UJ-12 LINER-LTC2260UJ-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2260UJ-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com