Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2290UP Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2290UP
Description  Dual 12-Bit, 10Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2290UP Datasheet(HTML) 1 Page - Linear Technology

  LTC2290UP Datasheet HTML 1Page - Linear Technology LTC2290UP Datasheet HTML 2Page - Linear Technology LTC2290UP Datasheet HTML 3Page - Linear Technology LTC2290UP Datasheet HTML 4Page - Linear Technology LTC2290UP Datasheet HTML 5Page - Linear Technology LTC2290UP Datasheet HTML 6Page - Linear Technology LTC2290UP Datasheet HTML 7Page - Linear Technology LTC2290UP Datasheet HTML 8Page - Linear Technology LTC2290UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2290
1
2290fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Integrated Dual 12-Bit ADCs
Sample Rate: 10Msps
Single 3V Supply (2.7V to 3.4V)
Low Power: 120mW
71.3dB SNR
90dB SFDR
110dB Channel Isolation
Multiplexed or Separate Data Bus
Flexible Input: 1VP-P to 2VP-P Range
575MHz Full Power Bandwidth S/H
Clock Duty Cycle Stabilizer
Shutdown and Nap Modes
Pin Compatible Family
105Msps: LTC2282 (12-Bit), LTC2284 (14-Bit)
80Msps: LTC2294 (12-Bit), LTC2299 (14-Bit)
65Msps: LTC2293 (12-Bit), LTC2298 (14-Bit)
40Msps: LTC2292 (12-Bit), LTC2297 (14-Bit)
25Msps: LTC2291 (12-Bit), LTC2296 (14-Bit)
10Msps: LTC2290 (12-Bit), LTC2295 (14-Bit)
64-Pin (9mm
× 9mm) QFN Package
Dual 12-Bit, 10Msps
Low Power 3V ADC
The LTC
®2290 is a 12-bit 10Msps, low power dual 3V
A/D converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2290 is perfect for
demanding imaging and communications applications
with AC performance that includes 71.3dB SNR and 90dB
SFDR for signals well beyond the Nyquist frequency.
DC specs include
±0.3LSB INL (typ), ±0.15LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 0.25LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic. An optional multiplexer allows both channels to
share a digital output bus.
A single-ended CLK input controls converter operation.
An optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
Typical INL, 2V Range
Wireless and Wired Broadband Communication
Imaging Systems
Spectral Analysis
Portable Instrumentation
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
2290 TA01
–0.6
0.6
0.8
0.2
3072
4096
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
OVDD
OGND
MUX
D11A
D0A
OVDD
OGND
2295 TA01
D11B
D0B
+
OUTPUT
DRIVERS
INPUT
S/H
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL


Similar Part No. - LTC2290UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2290UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245 Datasheet
516Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com