Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2285CUP Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2285CUP
Description  Dual 14-Bit, 125Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2285CUP Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2285CUP Datasheet HTML 7Page - Linear Technology LTC2285CUP Datasheet HTML 8Page - Linear Technology LTC2285CUP Datasheet HTML 9Page - Linear Technology LTC2285CUP Datasheet HTML 10Page - Linear Technology LTC2285CUP Datasheet HTML 11Page - Linear Technology LTC2285CUP Datasheet HTML 12Page - Linear Technology LTC2285CUP Datasheet HTML 13Page - Linear Technology LTC2285CUP Datasheet HTML 14Page - Linear Technology LTC2285CUP Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2285
11
2285fb
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is
the ratio between the RMS amplitude of the fundamen-
tal input frequency and the RMS amplitude of all other
frequency components at the ADC output. The output is
band limited to frequencies above DC to below half the
sampling frequency.
Signal-to-Noise Ratio
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum
of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD
is expressed as:
THD
= 20log
(V2
2 + V32 + V42 +...Vn2)/V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the second
through nth harmonics. The THD calculated in this data
sheet uses all the harmonics up to the fifth.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are ap-
plied to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies of mfa ± nfb, where m and n = 0,
1, 2, 3, etc. The 3rd order intermodulation products are
APPLICATIONS INFORMATION
2fa + fb, 2fb + fa, 2fa – fb and 2fb – fa. The intermodula-
tion distortion is defined as the ratio of the RMS value of
either input tone to the RMS value of the largest 3rd order
intermodulation product.
Spurious Free Dynamic Range (SFDR)
Spurious free dynamic range is the peak harmonic or spuri-
ous noise that is the largest spectral component excluding
the input signal and DC. This value is expressed in decibels
relative to the RMS value of a full-scale input signal.
Input Bandwidth
The input bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced
by 3dB for a full scale input signal.
Aperture Delay Time
The time from when CLK reaches midsupply to the in-
stant that the input signal is held by the sample and hold
circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2π • fIN • tJITTER)
Crosstalk
Crosstalk is the coupling from one channel (being driven
by a full-scale signal) onto the other channel (being driven
by a –1dBFS signal).
CONVERTER OPERATION
As shown in Figure 1, the LTC2285 is a dual CMOS
pipelined multistep converter. The converter has six
pipelined ADC stages; a sampled analog input will result
in a digitized value five cycles later (see the Timing Dia-
gram section). For optimal AC performance the analog
inputs should be driven differentially. For cost sensitive
applications, the analog inputs can be driven single-ended


Similar Part No. - LTC2285CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285 LINER-LTC2285 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285IUP-3CGPBF LINER-LTC2285IUP-3CGPBF Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285UP LINER-LTC2285UP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2285CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com