Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2285IUP Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2285IUP
Description  Dual 14-Bit, 135Msps Low Power 3.3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2285IUP Datasheet(HTML) 5 Page - Linear Technology

  LTC2285IUP Datasheet HTML 1Page - Linear Technology LTC2285IUP Datasheet HTML 2Page - Linear Technology LTC2285IUP Datasheet HTML 3Page - Linear Technology LTC2285IUP Datasheet HTML 4Page - Linear Technology LTC2285IUP Datasheet HTML 5Page - Linear Technology LTC2285IUP Datasheet HTML 6Page - Linear Technology LTC2285IUP Datasheet HTML 7Page - Linear Technology LTC2285IUP Datasheet HTML 8Page - Linear Technology LTC2285IUP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2285IUP#3CGPBF
5
2285iup#3cgpbf
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 9)
2.85
3.3
3.4
V
OVDD
Output Supply Voltage
(Note 9)
0.5
3.3
3.6
V
IVDD
Supply Current
Both ADCs at fS(MAX)
289
325
mA
PDISS
Power Dissipation
Both ADCs at fS(MAX)
954
1072
mW
PSHDN
Shutdown Power (Each Channel)
SHDN = H, OE = H, No CLK
2
mW
PNAP
Nap Mode Power (Each Channel)
SHDN = H, OE = L, No CLK
15
mW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fs
Sampling Frequency
(Note 9)
1
135
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
3.5
3
3.7
3.7
500
500
ns
ns
tH
CLK High Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
3.5
3
3.7
3.7
500
500
ns
ns
tAP
Sample-and-Hold Aperture Delay
0
ns
tD
CLK to DATA Delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
tC
CLK to CLKOUT Delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
DATA to CLKOUT Skew
(tD – tC) (Note 7)
–0.6
0
0.6
ns
tMD
MUX to DATA Delay
CL = 5pF (Note 7)
1.4
2.7
5.4
ns
Data Access Time After OE
CL = 5pF (Note 7)
4.3
10
ns
BUS Relinquish Time
(Note 7)
3.3
8.5
ns
Pipeline Latency
5
Cycles
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 135MHz, input range = 2VP-P with
differential drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and
11 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3.3V, fSAMPLE = 135MHz, input range = 1VP-P with
differential drive. The supply current and power dissipation are the
sum total for both channels with both channels active.
Note 9: Recommended operating conditions.


Similar Part No. - LTC2285IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285IUP LINER-LTC2285IUP Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-PBF LINER-LTC2285IUP-PBF Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-TR LINER-LTC2285IUP-TR Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285IUP-TRPBF LINER-LTC2285IUP-TRPBF Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2285IUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
LTC2224 LINER-LTC2224 Datasheet
610Kb / 24P
   12-Bit, 135Msps ADC
LTC2234 LINER-LTC2234 Datasheet
605Kb / 24P
   10-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
1Mb / 28P
   14-Bit, 65Msps, 3.3V ADC
Rev 0; 8/04
MAX12555 MAXIM-MAX12555 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
logo
Linear Technology
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com