Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2281IUP-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2281IUP-PBF
Description  Dual 10-Bit, 125Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2281IUP-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2281IUP-PBF Datasheet HTML 3Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 4Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 5Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 6Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 7Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 8Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 9Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 10Page - Linear Technology LTC2281IUP-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2281
7
2281fb
TYPICAL PERFORMANCE CHARACTERISTICS
SNR vs Input Frequency,
–1dB, 2V Range, 125Msps
SFDR vs Input Frequency,
–1dB, 2V Range, 125Msps
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
SFDR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, 0VDD = 1.8V
SNR vs SENSE, fIN = 5MHz, –1dB
INPUT FREQUENCY (MHz)
0
55
56
58
59
60
65
62
100
200
250
2281 G10
57
63
64
61
50
150
300
350
INPUT FREQUENCY (MHz)
0
85
90
95
150
250
2281 G11
80
75
50
100
200
300
350
70
65
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
2281 G12
100 120 140 160
SFDR
SNR
INPUT LEVEL (dBFS)
–50
30
40
50
–20
0
2281 G13
20
10
0
–40
–30
dBFS
dBc
–10
60
70
80
INPUT LEVEL (dBFS)
–50
60
80
100
–10
2281 G14
40
20
50
70
90
30
10
0
–40
–30
–20
0
dBFS
dBc
SAMPLE RATE (Msps)
0
260
280
80
2281 G15
240
220
250
270
290
230
210
200
190
20
40
60
100
120
140
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
14
60
2281 G16
8
4
20
40
80
2
0
16
12
10
6
100
120
140
SENSE PIN (V)
0.4
61.6
0.7
2281 G17
61.0
60.6
0.5
0.6
0.8
60.4
60.2
61.8
61.4
61.2
60.8
0.9
1
1.1


Similar Part No. - LTC2281IUP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2281IUP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com