Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2282 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2282
Description  Dual 12-Bit, 105Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2282 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2282 Datasheet HTML 4Page - Linear Technology LTC2282 Datasheet HTML 5Page - Linear Technology LTC2282 Datasheet HTML 6Page - Linear Technology LTC2282 Datasheet HTML 7Page - Linear Technology LTC2282 Datasheet HTML 8Page - Linear Technology LTC2282 Datasheet HTML 9Page - Linear Technology LTC2282 Datasheet HTML 10Page - Linear Technology LTC2282 Datasheet HTML 11Page - Linear Technology LTC2282 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2282
8
2282fb
PIN FUNCTIONS
AINA+ (Pin 1): Channel A Positive Differential Analog
Input.
AINA– (Pin 2): Channel A Negative Differential Analog
Input.
REFHA (Pins 3, 4): Channel A High Reference. Short
together and bypass to Pins 5, 6 with a 0.1μF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 5, 6 with an additional 2.2μF ceramic chip capacitor
and to ground with a 1μF ceramic chip capacitor.
REFLA (Pins 5, 6): Channel A Low Reference. Short
together and bypass to Pins 3, 4 with a 0.1μF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 3, 4 with an additional 2.2μF ceramic chip capacitor
and to ground with a 1μF ceramic chip capacitor.
VDD (Pins 7, 10, 18, 63): Analog 3V Supply. Bypass to
GND with 0.1μF ceramic chip capacitors.
CLKA (Pin 8): Channel A Clock Input. The input sample
starts on the positive edge.
CLKB (Pin 9): Channel B Clock Input. The input sample
starts on the positive edge.
REFLB (Pins 11, 12): Channel B Low Reference. Short
together and bypass to Pins 13, 14 with a 0.1μF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 13, 14 with an additional 2.2μF ceramic chip capaci-
tor and to ground with a 1μF ceramic chip capacitor.
REFHB (Pins 13, 14): Channel B High Reference. Short
together and bypass to Pins 11, 12 with a 0.1μF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 11, 12 with an additional 2.2μF ceramic chip capaci-
tor and to ground with a 1μF ceramic chip capacitor.
AINB– (Pin 15): Channel B Negative Differential Analog
Input.
AINB+ (Pin 16): Channel B Positive Differential Analog
Input.
GND (Pins 17, 64): ADC Power Ground.
SENSEB (Pin 19): Channel B Reference Programming Pin.
Connecting SENSEB to VCMB selects the internal reference
and a ±0.5V input range. VDD selects the internal reference
and a ±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEB selects an input
range of ±VSENSEB. ±1V is the largest valid input range.
VCMB (Pin 20): Channel B 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2μF ceramic chip
capacitor. Do not connect to VCMA.
MUX (Pin 21): Digital Output Multiplexer Control. If MUX is
high, channel A comes out on DA0-DA11, OFA; channel B
comes out on DB0-DB11, OFB. If MUX is low, the output
busses are swapped and channel A comes out on DB0-
DB11, OFB; channel B comes out on DA0-DA11, OFA. To
multiplex both channels onto a single output bus, connect
MUX, CLKA and CLKB together. (This is not recommended
at clock frequencies above 80Msps.)
SHDNB (Pin 22): Channel B Shutdown Mode Selection
Pin. Connecting SHDNB to GND and OEB to GND results
in normal operation with the outputs enabled. Connecting
SHDNB to GND and OEB to VDD results in normal operation
with the outputs at high impedance. Connecting SHDNB
to VDD and OEB to GND results in nap mode with the
outputs at high impedance. Connecting SHDNB to VDD
and OEB to VDD results in sleep mode with the outputs
at high impedance.
OEB (Pin 23): Channel B Output Enable Pin. Refer to
SHDNB pin function.
NC (Pins 24, 25, 41, 42): Do Not Connect These Pins.
DB0 – DB11 (Pins 26 to 30, 33 to 39): Channel B Digital
Outputs. DB11 is the MSB.
OGND (Pins 31, 50): Output Driver Ground.
OVDD (Pins 32, 49): Positive Supply for the Output Drivers.
Bypass to ground with a 0.1μF ceramic chip capacitor.
OFB (Pin 40): Channel B Overflow/Underflow Output. High
when an overflow or underflow has occurred.
DA0 – DA11 (Pins 43 to 48, 51 to 56): Channel A Digital
Outputs. DA11 is the MSB.
OFA (Pin 57): Channel A Overflow/Underflow Output. High
when an overflow or underflow has occurred.
OEA (Pin 58): Channel A Output Enable Pin. Refer to
SHDNA pin function.


Similar Part No. - LTC2282

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
More results

Similar Description - LTC2282

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2252 LINER-LTC2252 Datasheet
623Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com