Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2281 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2281
Description  Dual 10-Bit, 125Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2281 Datasheet(HTML) 1 Page - Linear Technology

  LTC2281 Datasheet HTML 1Page - Linear Technology LTC2281 Datasheet HTML 2Page - Linear Technology LTC2281 Datasheet HTML 3Page - Linear Technology LTC2281 Datasheet HTML 4Page - Linear Technology LTC2281 Datasheet HTML 5Page - Linear Technology LTC2281 Datasheet HTML 6Page - Linear Technology LTC2281 Datasheet HTML 7Page - Linear Technology LTC2281 Datasheet HTML 8Page - Linear Technology LTC2281 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2281
1
2281fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 10-Bit, 125Msps
Low Power 3V ADC
The LTC®2281 is a 10-bit 125Msps, low power dual 3V
A/D converter designed for digitizing high frequency,
wide dynamic range signals. The LTC2281 is perfect for
demanding imaging and communications applications
with AC performance that includes 61.6dB SNR and 82dB
SFDR for signals at the Nyquist frequency.
Typical DC specs include ±0.1LSB INL, ±0.1LSB DNL. The
transition noise is a low 0.08LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation.
An optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
A data ready output clock (CLKOUT) can be used to latch
the output data.
SNR vs Input Frequency,
–1dB, 2V Range
n Integrated Dual 10-Bit ADCs
n Sample Rate: 125Msps
n Single 3V Supply (2.85V to 3.4V)
n Low Power: 790mW
n 61.6dB SNR, 88dB SFDR
n 110dB Channel Isolation at 100MHz
n Flexible Input: 1VP-P to 2VP-P Range
n 640MHz Full Power Bandwidth S/H
n Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Data Ready Output Clock
n Pin Compatible Family
125Msps: LTC2283 (12-Bit), LTC2281 (10-Bit)
105Msps: LTC2282 (12-Bit), LTC2280 (10-Bit)
80Msps: LTC2294 (12-Bit), LTC2289 (10-Bit)
65Msps: LTC2293 (12-Bit), LTC2288 (10-Bit)
40Msps: LTC2292 (12-Bit), LTC2287 (10-Bit)
n 64-Pin (9mm × 9mm) QFN Package
n Wireless and Wired Broadband Communication
n Imaging Systems
n Spectral Analysis
n Portable Instrumentation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
OVDD
OGND
MUX
CLKOUT
D9A
D0A
OVDD
OGND
2281 TA01
D9B
D0B
+
OUTPUT
DRIVERS
INPUT
S/H
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OF
INPUT FREQUENCY (MHz)
0
55
56
58
59
60
65
62
100
200
250
2281 TA01b
57
63
64
61
50
150
300
350


Similar Part No. - LTC2281

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2281

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Linear Technology
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com