Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2259-14 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2259-14
Description  14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2259-14 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2259-14 Datasheet HTML 3Page - Linear Technology LTC2259-14 Datasheet HTML 4Page - Linear Technology LTC2259-14 Datasheet HTML 5Page - Linear Technology LTC2259-14 Datasheet HTML 6Page - Linear Technology LTC2259-14 Datasheet HTML 7Page - Linear Technology LTC2259-14 Datasheet HTML 8Page - Linear Technology LTC2259-14 Datasheet HTML 9Page - Linear Technology LTC2259-14 Datasheet HTML 10Page - Linear Technology LTC2259-14 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
226114f
LTC2261-14
LTC2260-14/LTC2259-14
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (LVDS Mode)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.8
3.2
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.5
2.7
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
5.5
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Setup Time
l
5ns
tH
SCK to CS Setup Time
l
5ns
tDS
SDI Setup Time
l
5ns
tDH
SDI Hold Time
l
5ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTC2261),
105MHz (LTC2260), or 80MHz (LTC2259), LVDS outputs with internal
termination disabled, differential ENC+/ENC= 2VP-P sine wave, input
range = 2VP-P with differential drive, unless otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and 11 1111 1111
1111 in 2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: VDD = 1.8V, fSAMPLE = 125MHz (LTC2261), 105MHz (LTC2260),
or 80MHz (LTC2259), ENC+ = single-ended 1.8V square wave, ENC= 0V,
input range = 2VP-P with differential drive, 5pF load on each digital output
unless otherwise noted.
Note 10: Recommended operating conditions.
TIMING DIAGRAMS
Full-Rate CMOS Output Mode Timing
All Outputs are Single-Ended and Have CMOS Levels
tH
tD
tC
tL
N – 5
N – 4
N – 3
N – 2
N – 1
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
ENC
ENC+
CLKOUT+
CLKOUT
D0-D13, OF
226114 TD01


Similar Part No. - LTC2259-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-14 LINER-LTC2259-14 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2259-14 LINER-LTC2259-14 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2259-14 LINER-LTC2259-14 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2259-14 LINER-LTC2259-14 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
LTC2259-14 LINER-LTC2259-14 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results

Similar Description - LTC2259-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2163 LINER-LTC2163_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com