Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2257CUJ-14-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2257CUJ-14-PBF
Description  14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2257CUJ-14-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2257CUJ-14-PBF Datasheet HTML 1Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 2Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 3Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 4Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 5Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 6Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 7Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 8Page - Linear Technology LTC2257CUJ-14-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
225814p
LTC2258-14
LTC2257-14/LTC2256-14
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
14-Bit, 65/40/25Msps
Ultralow Power 1.8V ADCs
n Communications
n Cellular Base Stations
n Software Defined Radios
n Portable Medical Imaging
n Multi-Channel Data Acquisition
n Nondestructive Testing
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
n 73.9dB SNR
n 88dB SFDR
n Low Power: 81mW/49mW/35mW
n Single 1.8V Supply
n CMOS, DDR CMOS or DDR LVDS Outputs
n Selectable Input Ranges: 1VP-P to 2VP-P
n 800MHz Full-Power Bandwidth S/H
n Optional Data Output Randomizer
n Optional Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Serial SPI Port for Configuration
n Pin Compatible 14-Bit and 12-Bit Versions
n 40-Pin (6mm × 6mm) QFN Package
The LTC
®2258-14/LTC2257-14/LTC2256-14 are sam-
pling 14-bit A/D converters designed for digitizing high
frequency, wide dynamic range signals. They are perfect
for demanding communications applications with AC
performance that includes 73.9dB SNR and 88dB spurious
free dynamic range (SFDR). Ultralow jitter of 0.17psRMS
allows undersampling of IF frequencies with excellent
noise performance.
DC specs include ±1LSB INL (typical), ±0.3LSB DNL (typi-
cal) and no missing codes over temperature. The transition
noise is a low 1.2LSBRMS.
The digital outputs can be either full rate CMOS, double
data rate CMOS, or double data rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENCinputs may be driven differentially
or single ended with a sine wave, PECL, LVDS, TTL or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
Electrical Specifications Subject to Change
2-Tone FFT, fIN = 68MHz and 69MHz
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
D13
D0
65MHz
CLOCK
ANALOG
INPUT
225814 TA01a
CMOS
OR
LVDS
1.2V
TO 1.8V
1.8V
VDD
OVDD
OGND
GND
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
225814 TA01b


Similar Part No. - LTC2257CUJ-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2257CUJ-12-PBF LINER-LTC2257CUJ-12-PBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
LTC2257CUJ-12-TRPBF LINER-LTC2257CUJ-12-TRPBF Datasheet
825Kb / 32P
   12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2257CUJ-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-14 LINER-LTC2257-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2256-12 LINER-LTC2256-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com