Electronic Components Datasheet Search |
|
LTC2260-12 Datasheet(PDF) 4 Page - Linear Technology |
|
LTC2260-12 Datasheet(HTML) 4 Page - Linear Technology |
4 / 32 page LTC2261-12 LTC2260-12/LTC2259-12 4 226112f ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIN Analog Input Range (AIN+ – AIN–) 1.7V < VDD < 1.9V l 1 to 2 VP-P VIN(CM) Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8) l VCM – 100mV VCM VCM + 100mV V VSENSE External Voltage Reference Applied to SENSE External Reference Mode l 0.625 1.250 1.300 V IINCM Analog Input Common Mode Current Per Pin, 125Msps Per Pin, 105Msps Per Pin, 80Msps 155 130 100 μA μA μA IIN1 Analog Input Leakage Current 0 < AIN+, AIN– < VDD, No Encode l –1 1 μA IIN2 PAR/SER Input Leakage Current 0 < PAR/SER < VDD l –3 3 μA IIN3 SENSE Input Leakage Current 0.625V < SENSE < 1.3V l –6 6 μA tAP Sample-and-Hold Acquisition Delay Time 0 ns tJITTER Sample-and-Hold Acquisition Delay Jitter 0.17 psRMS CMRR Analog Input Common Mode Rejection Ratio 80 dB BW-3B Full-Power Bandwidth Figure 6 Test Circuit 800 MHz DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5) SYMBOL PARAMETER CONDITIONS LTC2261-12 LTC2260-12 LTC2259-12 UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX SNR Signal-to-Noise Ratio 5MHz Input 70MHz Input 140MHz Input l 69.4 70.8 70.7 70.4 69.4 70.8 70.7 70.4 69.1 70.6 70.5 70.2 dB dB dB SFDR Spurious Free Dynamic Range 2nd or 3rd Harmonic 5MHz Input 70MHz Input 140MHz Input l 76 88 85 82 76 88 85 82 79 88 85 82 dB dB dB Spurious Free Dynamic Range 4th Harmonic or Higher 5MHz Input 70MHz Input 140MHz Input l 83 90 90 90 82 90 90 90 85 90 90 90 dB dB dB S/(N+D) Signal-to-Noise Plus Distortion Ratio 5MHz Input 70MHz Input 140MHz Input l 68.6 70.6 70.4 70 68.6 70.6 70.4 70 68.8 70.4 70.3 69.9 dB dB dB INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5) PARAMETER CONDITIONS MIN TYP MAX UNITS VCM Output Voltage IOUT = 0 0.5 • VDD – 25mV 0.5 • VDD 0.5 • VDD + 25mV V VCM Output Temperature Drift ±25 ppm/°C VCM Output Resistance –600μA < IOUT < 1mA 4 Ω VREF Output Voltage IOUT = 0 1.225 1.250 1.275 V VREF Output Temperature Drift ±25 ppm/°C VREF Output Resistance –400μA < IOUT < 1mA 7 Ω VREF Line Regulation 1.7V < VDD < 1.9V 0.6 mV/V |
Similar Part No. - LTC2260-12 |
|
Similar Description - LTC2260-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |