Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2250IUH Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2250IUH
Description  10-Bit, 125/105Msps Low Noise 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2250IUH Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2250IUH Datasheet HTML 5Page - Linear Technology LTC2250IUH Datasheet HTML 6Page - Linear Technology LTC2250IUH Datasheet HTML 7Page - Linear Technology LTC2250IUH Datasheet HTML 8Page - Linear Technology LTC2250IUH Datasheet HTML 9Page - Linear Technology LTC2250IUH Datasheet HTML 10Page - Linear Technology LTC2250IUH Datasheet HTML 11Page - Linear Technology LTC2250IUH Datasheet HTML 12Page - Linear Technology LTC2250IUH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2251/LTC2250
9
22510fa
LTC2250: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2250: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2250: SFDR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
LTC2250: SNR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
INPUT LEVEL (dBFS)
–50
30
40
50
–20
0
22510 G27
20
10
0
–40
–30
dBFS
dBc
–10
60
70
80
INPUT LEVEL (dBFS)
–50
60
80
100
–10
22510 G28
40
20
50
70
90
30
10
0
–40
–30
–20
0
dBFS
dBc
SAMPLE RATE (Msps)
0
80
75
85
95
100
105
80
22510 G29
90
40
20
100
60
120
110
115
120
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
7
6
5
4
3
2
1
0
60
100
22510 G30
20
40
80
120
LTC2250: SNR vs SENSE,
fIN = 5MHz, –1dB
SENSE PIN (V)
0.4
61.6
0.7
22510 G32
61.0
60.6
0.5
0.6
0.8
60.4
60.2
61.8
61.4
61.2
60.8
0.9
1
1.1
LTC2250: SFDR vs Input Frequency,
–1dB, 2V Range, 105Msps
LTC2250: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
INPUT FREQUENCY (MHz)
0
85
90
95
150
250
55210 G25
80
75
50
100
200
300
350
70
65
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
22510 G26
100
120
140
SFDR
SNR


Similar Part No. - LTC2250IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
More results

Similar Description - LTC2250IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2252 LINER-LTC2252 Datasheet
623Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2254 LINER-LTC2254 Datasheet
625Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2255 LINER-LTC2255_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com