Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2248IUH Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2248IUH
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248IUH Datasheet(HTML) 3 Page - Linear Technology

  LTC2248IUH Datasheet HTML 1Page - Linear Technology LTC2248IUH Datasheet HTML 2Page - Linear Technology LTC2248IUH Datasheet HTML 3Page - Linear Technology LTC2248IUH Datasheet HTML 4Page - Linear Technology LTC2248IUH Datasheet HTML 5Page - Linear Technology LTC2248IUH Datasheet HTML 6Page - Linear Technology LTC2248IUH Datasheet HTML 7Page - Linear Technology LTC2248IUH Datasheet HTML 8Page - Linear Technology LTC2248IUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2248/LTC2247/LTC2246
3
224876fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.7V < VDD < 3.4V (Note 7)
±0.5V to ±1V
V
VIN,CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
1
1.5
1.9
V
Single Ended Input (Note 7)
0.5
1.5
2
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
–1
1
µA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
–3
3
µA
IMODE
MODE Pin Leakage
–3
3
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
The
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
LTC2248
LTC2247
LTC2246
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
74.3
74.4
74.5
dB
12.5MHz Input
72.9
74.2
dB
20MHz Input
72.9
74.4
dB
30MHz Input
72.5
74.3
dB
70MHz Input
74.3
73.9
73.4
dB
140MHz Input
73.9
73.3
73
dB
SFDR
5MHz Input
90
90
90
dB
12.5MHz Input
76
90
dB
20MHz Input
76
90
dB
30MHz Input
76
90
dB
70MHz Input
85
85
85
dB
140MHz Input
80
80
80
dB
SFDR
5MHz Input
95
95
95
dB
12.5MHz Input
84
95
dB
20MHz Input
84
95
dB
30MHz Input
84
95
dB
70MHz Input
95
95
95
dB
140MHz Input
90
90
90
dB
S/(N+D)
5MHz Input
74.3
74.4
74.5
dB
12.5MHz Input
72.2
74.2
dB
20MHz Input
72.2
74.3
dB
30MHz Input
72
74.2
dB
70MHz Input
74.1
73.6
73.4
dB
140MHz Input
71.9
71.9
71.8
dB
IMD
Intermodulation
fIN1 = 28.2MHz
90
90
90
dB
Distortion
fIN2 = 26.8MHz
A ALOG I PUT
DY A IC ACCURACY
The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
Signal-to-Noise
Plus Distortion
Ratio
Spurious Free
Dynamic Range
4th Harmonic
or Higher
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic


Similar Part No. - LTC2248IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2248IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com