Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2254 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2254
Description  14-Bit, 125/105Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2254 Datasheet(HTML) 4 Page - Linear Technology

  LTC2254 Datasheet HTML 1Page - Linear Technology LTC2254 Datasheet HTML 2Page - Linear Technology LTC2254 Datasheet HTML 3Page - Linear Technology LTC2254 Datasheet HTML 4Page - Linear Technology LTC2254 Datasheet HTML 5Page - Linear Technology LTC2254 Datasheet HTML 6Page - Linear Technology LTC2254 Datasheet HTML 7Page - Linear Technology LTC2254 Datasheet HTML 8Page - Linear Technology LTC2254 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2255/LTC2254
4
22554fa
DIGITAL I PUTS A D DIGITAL OUTPUTS The denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
I TER AL REFERE CE CHARACTERISTICS (Note 4)
POWER REQUIRE E TS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
LTC2255
LTC2254
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 9)
2.85
3
3.4
2.85
3
3.4
V
OVDD
Output Supply Voltage
(Note 9)
0.5
3
3.6
0.5
3
3.6
V
IVDD
Supply Current
132
156
107
126
mA
PDISS
Power Dissipation
395
468
320
378
mW
PSHDN
Shutdown Power
SHDN = H,
2
2
mW
OE = H, No CLK
PNAP
Nap Mode Power
SHDN = H,
15
15
mW
OE = L, No CLK
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±25
ppm/
°C
VCM Line Regulation
2.85V < VDD < 3.4V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CLK, OE, SHDN)
VIH
High Level Input Voltage
VDD = 3V
2V
VIL
Low Level Input Voltage
VDD = 3V
0.8
V
IIN
Input Current
VIN = 0V to VDD
–10
10
µA
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC OUTPUTS
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = High (Note 7)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10µA
2.995
V
IO = –200µA
2.7
2.99
V
VOL
Low Level Output Voltage
IO = 10µA
0.005
V
IO = 1.6mA
0.09
0.4
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200µA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200µA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V


Similar Part No. - LTC2254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
More results

Similar Description - LTC2254

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2255 LINER-LTC2255_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252 Datasheet
623Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2250 LINER-LTC2250 Datasheet
620Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com