Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2253CUH Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2253CUH
Description  12-Bit, 125/105Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2253CUH Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2253CUH Datasheet HTML 5Page - Linear Technology LTC2253CUH Datasheet HTML 6Page - Linear Technology LTC2253CUH Datasheet HTML 7Page - Linear Technology LTC2253CUH Datasheet HTML 8Page - Linear Technology LTC2253CUH Datasheet HTML 9Page - Linear Technology LTC2253CUH Datasheet HTML 10Page - Linear Technology LTC2253CUH Datasheet HTML 11Page - Linear Technology LTC2253CUH Datasheet HTML 12Page - Linear Technology LTC2253CUH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2253/LTC2252
9
22532fa
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2252: SFDR vs Input
Frequency, –1dB, 2V Range,
105Msps
LTC2252: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2252: SNR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
LTC2252: SFDR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
LTC2252: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2252: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
INPUT FREQUENCY (MHz)
0
85
90
95
150
250
22532 G26
80
75
50
100
200
300
350
70
65
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
22532 G27
100
120
140
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
22532 G28
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0
INPUT LEVEL (dBFS)
–60
0
20
40
50
10
30
60
80
–40
–20
–50
–30
–10
22532 G29
0
100
110
70
90
dBFS
dBc
SAMPLE RATE (Msps)
0
80
75
85
95
100
105
80
22532 G30
90
40
20
100
60
120
110
115
120
1V RANGE
2V RANGE
SAMPLE RATE (Msps)
0
7
6
5
4
3
2
1
0
60
100
22532 G31
20
40
80
120
LTC2252: SNR vs SENSE,
fIN = 5MHz, –1dB
SENSE PIN (V)
0.4
71
0.7
22532 G33
68
66
0.5
0.6
0.8
65
64
72
70
69
67
0.9
1.0
1.1


Similar Part No. - LTC2253CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
More results

Similar Description - LTC2253CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2253 LINER-LTC2253_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2252 LINER-LTC2252_15 Datasheet
629Kb / 24P
   12-Bit, 125/105Msps Low Power 3V ADCs
LTC2254 LINER-LTC2254 Datasheet
625Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2255 LINER-LTC2255_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2250 LINER-LTC2250 Datasheet
620Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2250 LINER-LTC2250_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2251 LINER-LTC2251_15 Datasheet
602Kb / 24P
   10-Bit, 125/105Msps Low Noise 3V ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com