Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2242IUP-12 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2242IUP-12
Description  12-Bit, 250Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2242IUP-12 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2242IUP-12 Datasheet HTML 6Page - Linear Technology LTC2242IUP-12 Datasheet HTML 7Page - Linear Technology LTC2242IUP-12 Datasheet HTML 8Page - Linear Technology LTC2242IUP-12 Datasheet HTML 9Page - Linear Technology LTC2242IUP-12 Datasheet HTML 10Page - Linear Technology LTC2242IUP-12 Datasheet HTML 11Page - Linear Technology LTC2242IUP-12 Datasheet HTML 12Page - Linear Technology LTC2242IUP-12 Datasheet HTML 13Page - Linear Technology LTC2242IUP-12 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2242-12
10
224212f
PI FU CTIO S
(LVDS Mode)
AIN+ (Pins 1, 2): Positive Differential Analog Input.
AIN(Pins 3, 4): Negative Differential Analog Input.
REFHA (Pins 5, 6): ADC High Reference. Bypass to
Pins 7, 8 with 0.1
µF ceramic chip capacitor, to Pins 11, 12
with a 2.2
µF ceramic capacitor and to ground with 1µF
ceramic capacitor.
REFLB (Pins 7, 8): ADC Low Reference. Bypass to Pins 5,
6 with 0.1
µF ceramic chip capacitor. Do not connect to
Pins 11, 12.
REFHB (Pins 9, 10): ADC High Reference. Bypass to
Pins 11, 12 with 0.1
µF ceramic chip capacitor. Do not
connect to Pins 5, 6.
REFLA (Pins 11, 12): ADC Low Reference. Bypass to
Pins 9, 10 with 0.1
µF ceramic chip capacitor, to Pins 5, 6
with a 2.2
µF ceramic capacitor and to ground with 1µF
ceramic capacitor.
VDD (Pins 13, 14, 15, 62, 63): 2.5V Supply. Bypass to
GND with 0.1
µF ceramic chip capacitors.
GND (Pins 16, 61, 64): ADC Power Ground.
ENC+ (Pin 17): Encode Input. Conversion starts on the
positive edge.
ENC(Pin 18): Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1
µF
ceramic for single-ended ENCODE signal.
SHDN (Pin 19): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
operation with the outputs enabled. Connecting SHDN to
GND and OE to VDD results in normal operation with the
outputs at high impedance. Connecting SHDN to VDD and
OE to GND results in nap mode with the outputs at high
impedance. Connecting SHDN to VDD and OE to VDD
results in sleep mode with the outputs at high impedance.
OE (Pin 20): Output Enable Pin. Refer to SHDN pin
function.
D0/D0+ to D11/D11+ (Pins 21, 22, 23, 24, 27, 28, 29,
30, 31, 32, 37, 38, 39, 40, 43, 44, 45, 46, 47, 48, 51, 52,
53, 54): LVDS Digital Outputs. All LVDS outputs require
differential 100
Ω termination resistors at the LVDS re-
ceiver. D11/D11+ is the MSB.
OGND (Pins 25, 33, 41, 50): Output Driver Ground.
OVDD (Pins 26, 34, 42, 49): Positive Supply for the Output
Drivers. Bypass to ground with 0.1
µF ceramic chip
capacitor.
CLKOUT/CLKOUT+ (Pins 35 to 36): LVDS Data Valid
Output. Latch data on rising edge of CLKOUT, falling edge
of CLKOUT+.
OF/OF+ (Pins 55 to 56): LVDS Over/Under Flow Output.
High when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting
LVDS to 1/3VDD selects demux CMOS mode with simulta-
neous update. Connecting LVDS to 2/3VDD selects demux
CMOS mode with interleaved update. Connecting LVDS to
VDD selects LVDS mode.
MODE (Pin 58): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and turns the clock duty cycle
stabilizer off. Connecting MODE to 1/3VDD selects offset
binary output format and turns the clock duty cycle stabilizer
on. Connecting MODE to 2/3VDD selects 2’s complement
output format and turns the clock duty cycle stabilizer on.
Connecting MODE to VDD selects 2’s complement output
format and turns the clock duty cycle stabilizer off.
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. Connecting SENSE to VDD selects the internal
reference and a
±1V input range. An external reference
greater than 0.5V and less than 1V applied to SENSE
selects an input range of
±VSENSE. ±1V is the largest valid
input range.
VCM (Pin 60): 1.25V Output and Input Common Mode
Bias. Bypass to ground with 2.2
µF ceramic chip capacitor.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.


Similar Part No. - LTC2242IUP-12

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2242IUP-10 LINEAR-LTC2242IUP-10 Datasheet
537Kb / 30P
   10-Bit, 250Msps ADC
logo
Linear Technology
LTC2242IUP-10-PBF LINER-LTC2242IUP-10-PBF Datasheet
500Kb / 28P
   10-Bit, 250Msps ADC
LTC2242IUP-10-TR LINER-LTC2242IUP-10-TR Datasheet
500Kb / 28P
   10-Bit, 250Msps ADC
LTC2242IUP-10-TRPBF LINER-LTC2242IUP-10-TRPBF Datasheet
500Kb / 28P
   10-Bit, 250Msps ADC
More results

Similar Description - LTC2242IUP-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com