Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPS10Z-NNN-064 Datasheet(PDF) 3 Page - Emerson Network Power

Part # HPS10Z-NNN-064
Description  HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS10Z-NNN-064 Datasheet(HTML) 3 Page - Emerson Network Power

  HPS10Z-NNN-064 Datasheet HTML 1Page - Emerson Network Power HPS10Z-NNN-064 Datasheet HTML 2Page - Emerson Network Power HPS10Z-NNN-064 Datasheet HTML 3Page - Emerson Network Power HPS10Z-NNN-064 Datasheet HTML 4Page - Emerson Network Power HPS10Z-NNN-064 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
154
HPS Series
DRAWINGS
HPS 10/12/15 Module
A: AC Input Connector
Positronics PLB3W3M1060
AC Pin: MC612N-228.2
Ground Pin: MC612N
AC IInput PPinouts
J1-L
LINE
J1-N
NEUTRAL
J1-G
GROUND
Mating Connector:
Positronics PLB3W3FXXXX
B: DC Output Connector
Positronics PCIH38M400A1
Mating Connector
Positronics PCIH38FXXXX or
Elcon 226-0005-00100
DC O
Output PPinouts
P1-1
V OUT
P1-2
V OUT
P1-3
V OUT
P1-4
V OUT
P1-5
V OUT
P1-6
V OUT
P1-7
V OUT RTN
P1-8
V OUT RTN
P1-9
V OUT RTN
P1-10
V OUT RTN
P1-11
V OUT RTN
P1-12
V OUT RTN
P1-13
CHASSIS GND
P1-14
CHASSIS GND
P1-15
5VDC
P1-16
5VDC
P1-17
5VDC RTN
P1-18
5VDC RTN
P1-19
DATA
P1-20
DATA GND
P1-21
V OUT SENSE
P1-22
V OUT SENSE RTN
P1-23
MARGIN PROGRAM
P1-24
MARGIN HI
P1-25
SWP
P1-26
ISO ENA/DCOK/
TEMP OK/FAN FAIL RTN
P1-27
ISO DCOK
P1-28
ISO EN/INH
P1-29
ISO TEMP OK
P1-30
OPAMP/SYNC/FAN FAIL SIGNAL
P1-31
I MONITOR
P1-32
I MONITOR RTN
P1-33
N/C
P1-34
ACOK COLLECTOR
P1-35
ACOK EMITTER
P1-36
V AUX RTN
P1-37
V AUX
P1-38
V ANODE (MAIN O/P)
A
B


Similar Part No. - HPS10Z-NNN-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
Chip Quik Inc.
HPS10C CHIPQUIK-HPS10C Datasheet
192Kb / 1P
   High Performance Silicone 100% RTV Silicone (Clear) 10.2oz Cartridge
revision 1.1
HPS10C-20G CHIPQUIK-HPS10C-20G Datasheet
195Kb / 1P
   High Performance Silicone 100% RTV Silicone (Clear) 20g (0.7oz) Squeeze Tube
revision 1.1
logo
Astec America, Inc
HPS10Q-N3N000 ASTEC-HPS10Q-N3N000 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10Q-N3N001 ASTEC-HPS10Q-N3N001 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
More results

Similar Description - HPS10Z-NNN-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Lite-On Technology Corp...
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
   15” Touch Display Monitor, DC 12~30V
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
logo
WAGO Kontakttechnik Gmb...
756-3201-120-150 WAGO-756-3201-120-150 Datasheet
100Kb / 3P
   Connecting cable; 12-pole; Length: 15 m
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com