Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2241IUP-12 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2241IUP-12
Description  12-Bit, 210Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241IUP-12 Datasheet(HTML) 3 Page - Linear Technology

  LTC2241IUP-12 Datasheet HTML 1Page - Linear Technology LTC2241IUP-12 Datasheet HTML 2Page - Linear Technology LTC2241IUP-12 Datasheet HTML 3Page - Linear Technology LTC2241IUP-12 Datasheet HTML 4Page - Linear Technology LTC2241IUP-12 Datasheet HTML 5Page - Linear Technology LTC2241IUP-12 Datasheet HTML 6Page - Linear Technology LTC2241IUP-12 Datasheet HTML 7Page - Linear Technology LTC2241IUP-12 Datasheet HTML 8Page - Linear Technology LTC2241IUP-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC2241-12
224112fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio (Note 10)
10MHz Input
65.5
dB
70MHz Input
64
65.4
dB
140MHz Input
65.4
dB
240MHz Input
65.2
dB
SFDR
Spurious Free Dynamic Range
10MHz Input
78
dB
2nd or 3rd Harmonic
70MHz Input
65
74
dB
(Note 11)
140MHz Input
73
dB
240MHz Input
72
dB
Spurious Free Dynamic Range
10MHz Input
87
dB
4th Harmonic or Higher
70MHz Input
74
87
dB
(Note 11)
140MHz Input
87
dB
240MHz Input
87
dB
S/(N+D)
Signal-to-Noise Plus
10MHz Input
65.4
dB
Distortion Ratio
70MHz Input
62.1
65.2
dB
(Note 12)
140MHz Input
65.1
dB
240MHz Input
64.9
dB
IMD
Intermodulation Distortion
fIN1 = 135MHz, fIN2 = 140MHz
81
dBc
DY A IC ACCURACY The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
CO VERTER CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
12
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
–2.3
±0.7
2.3
LSB
Differential Linearity Error
Differential Analog Input
–1
±0.4
1
LSB
Offset Error
(Note 6)
–15
±515
mV
Gain Error
External Reference
–3.4
±0.7
3.4
%FS
Offset Drift
±10
µV/C
Full-Scale Drift
Internal Reference
±60
ppm/C
External Reference
±45
ppm/C
Transition Noise
SENSE = 1V
0.74
LSBRMS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.375V < VDD < 2.625V (Note 7)
±0.5 to ±1V
VIN, CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
1.2
1.25
1.3
V
IIN
Analog Input Leakage Current
0 < AIN+, AIN– < VDD
–1
1
µA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
–1
1
µA
IMODE
MODE Pin Pull-Down Current to GND
7
µA
ILVDS
LVDS Pin Pull-Down Current to GND
7
µA
tAP
Sample and Hold Acquisition Delay Time
0.4
ns
tJITTER
Sample and Hold Acquisition Delay Time Jitter
95
fsRMS
Full Power Bandwidth
Figure 8 Test Circuit
1200
MHz
A ALOG I PUT The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2241IUP-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241IUP-10 LINER-LTC2241IUP-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241IUP-10-PBF LINER-LTC2241IUP-10-PBF Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241IUP-10-TR LINER-LTC2241IUP-10-TR Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241IUP-10-TRPBF LINER-LTC2241IUP-10-TRPBF Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
More results

Similar Description - LTC2241IUP-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
logo
Linear Technology
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
   16-Bit, 210Msps High Performance ADC
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com