Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2240IUP-10-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2240IUP-10-TRPBF
Description  10-Bit, 170Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2240IUP-10-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2240IUP-10-TRPBF Datasheet HTML 1Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 2Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 3Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 4Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 5Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 6Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 7Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 8Page - Linear Technology LTC2240IUP-10-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2240-10
3
224010fb
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
10
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
l
–0.8
±0.3
0.8
LSB
Differential Linearity Error
Differential Analog Input
l
–0.6
±0.1
0.6
LSB
Offset Error
(Note 6)
l
–15
±5
15
mV
Gain Error
External Reference
l
–3.8
±0.7
3.8
%FS
Offset Drift
±10
μV/C
Full-Scale Drift
Internal Reference
External Reference
±60
±45
ppm/C
ppm/C
Transition Noise
SENSE = 1V
0.18
LSBRMS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.375V < VDD < 2.625V (Note 7)
l
±0.5 to ±1
V
VIN, CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
l
1.2
1.25
1.3
V
IIN
Analog Input Leakage Current
0 < AIN+, AIN– < VDD
l
–1
1
μA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
l
–1
1
μA
IMODE
MODE Pin Pull-Down Current to GND
7
μA
ILVDS
LVDS Pin Pull-Down Current to GND
7
μA
tAP
Sample and Hold Acquisition Delay Time
0.4
ns
tJITTER
Sample and Hold Acquisition Delay Time Jitter
95
fsRMS
Full Power Bandwidth
Figure 8 Test Circuit
1200
MHz
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio (Note 10)
10MHz Input
60.6
dB
70MHz Input
l
59.7
60.6
dB
140MHz Input
60.5
dB
240MHz Input
60.5
dB
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
(Note 11)
10MHz Input
80
dB
70MHz Input
l
65
75
dB
140MHz Input
74
dB
240MHz Input
72
dB
Spurious Free Dynamic Range
4th Harmonic or Higher
(Note 11)
10MHz Input
85
dB
70MHz Input
l
74
85
dB
140MHz Input
85
dB
240MHz Input
85
dB


Similar Part No. - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240IUP-12 LINER-LTC2240IUP-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-PBF LINER-LTC2240IUP-12-PBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TR LINER-LTC2240IUP-12-TR Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTC2240IUP-12-TRPBF LINER-LTC2240IUP-12-TRPBF Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
More results

Similar Description - LTC2240IUP-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com