Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2241IUP-10-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2241IUP-10-PBF
Description  10-Bit, 210Msps ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241IUP-10-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2241IUP-10-PBF Datasheet HTML 5Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 6Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 7Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 8Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 9Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 10Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 11Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 12Page - Linear Technology LTC2241IUP-10-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2241-10
9
224110fb
PIN FUNCTIONS
AIN+ (Pins 1, 2): Positive Differential Analog Input.
AIN– (Pins 3, 4): Negative Differential Analog Input.
REFHA (Pins 5, 6): ADC High Reference. Bypass to Pins
7, 8 with 0.1μF ceramic chip capacitor, to Pins 11, 12
with a 2.2μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
REFLB (Pins 7, 8): ADC Low Reference. Bypass to Pins
5, 6 with 0.1μF ceramic chip capacitor. Do not connect to
Pins 11, 12.
REFHB (Pins 9, 10): ADC High Reference. Bypass to Pins
11, 12 with 0.1μF ceramic chip capacitor. Do not connect
to Pins 5, 6.
REFLA (Pins 11, 12): ADC Low Reference. Bypass to
Pins 9, 10 with 0.1μF ceramic chip capacitor, to Pins 5,
6 with a 2.2μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
VDD (Pins 13, 14, 15, 62, 63): 2.5V Supply. Bypass to
GND with 0.1μF ceramic chip capacitors.
GND (Pins 16, 61, 64): ADC Power Ground.
ENC+ (Pin 17):
Encode Input. Conversion starts on the
positive edge.
ENC(Pin 18): Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1μF
ceramic for single-ended encode signal.
SHDN (Pin 19): Shutdown Mode Selection Pin. Connecting
SHDN to GND and OE to GND results in normal operation
with the outputs enabled. Connecting SHDN to GND and
OE to VDD results in normal operation with the outputs at
high impedance. Connecting SHDN to VDD and OE to GND
results in nap mode with the outputs at high impedance.
Connecting SHDN to VDD and OE to VDD results in sleep
mode with the outputs at high impedance.
OE (Pin 20): Output Enable Pin. Refer to SHDN pin function.
DNC (Pins 21, 22, 40, 43): Do not connect these pins.
DB0-DB9 (Pins 23, 24, 27, 28, 29, 30, 31, 32, 35, 36):
Digital Outputs, B Bus. DB9 is the MSB. At high impedance
in full rate CMOS mode.
OGND (Pins 25, 33, 41, 50): Output Driver Ground.
OVDD (Pins 26, 34, 42, 49): Positive Supply for the Out-
put Drivers. Bypass to ground with 0.1μF ceramic chip
capacitor.
OFB (Pin 37): Over/Under Flow Output for B Bus. High
when an over or under flow has occurred. At high imped-
ance in full rate CMOS mode.
CLKOUTB (Pin 38): Data Valid Output for B Bus. In demux
mode with interleaved update, latch B bus data on the fall-
ing edge of CLKOUTB. In demux mode with simultaneous
update, latch B bus data on the rising edge of CLKOUTB.
This pin does not become high impedance in full rate
CMOS mode.
CLKOUTA (Pin 39): Data Valid Output for A Bus. Latch A
bus data on the falling edge of CLKOUTA.
DA0-DA9 (Pins 44, 45, 46, 47, 48, 51, 52, 53, 54, 55):
Digital Outputs, A Bus. DA9 is the MSB.
OFA (Pin 56): Over/Under Flow Output for A Bus. High
when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting LVDS
to 1/3VDD selects demux CMOS mode with simultaneous
update. Connecting LVDS to 2/3VDD selects demux CMOS
mode with interleaved update. Connecting LVDS to VDD
selects LVDS mode.
MODE (Pin 58): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and turns the clock duty cycle
stabilizer off. Connecting MODE to 1/3VDD selects offset
binary output format and turns the clock duty cycle stabilizer
on. Connecting MODE to 2/3VDD selects 2’s complement
output format and turns the clock duty cycle stabilizer on.
Connecting MODE to VDD selects 2’s complement output
format and turns the clock duty cycle stabilizer off.
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. Connecting SENSE to VDD selects the internal
reference and a ±1V input range. An external reference
greater than 0.5V and less than 1V applied to SENSE
selects an input range of ±VSENSE. ±1V is the largest valid
input range.
VCM (Pin 60): 1.25V Output and Input Common Mode Bias.
Bypass to ground with 2.2μF ceramic chip capacitor.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.
(CMOS Mode)


Similar Part No. - LTC2241IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241IUP-12 LINER-LTC2241IUP-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-PBF LINER-LTC2241IUP-12-PBF Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-TR LINER-LTC2241IUP-12-TR Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241IUP-12-TRPBF LINER-LTC2241IUP-12-TRPBF Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results

Similar Description - LTC2241IUP-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
   16-Bit, 210Msps High Performance ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
logo
Linear Technology
LTC2240-10 LINER-LTC2240-10 Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com