Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP1840RF3V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP1840RF3V
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1840RF3V Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP1840RF3V Datasheet HTML 1Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 2Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 3Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 4Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 5Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 6Page - Vishay Siliconix TSOP1840RF3V Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP18..RF3V
Vishay Telefunken
1 (7)
Rev. 1, 19-Oct-00
www.vishay.com
Document Number 82144
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1830RF3V
30 kHz
TSOP1833RF3V
33 kHz
TSOP1836RF3V
36 kHz
TSOP1837RF3V
36.7 kHz
TSOP1838RF3V
38 kHz
TSOP1840RF3V
40 kHz
TSOP1856RF3V
56 kHz
Description
The
TSOP18..RF3V
series
are
miniaturized
receivers for infrared remote control systems. PIN
diode and preamplifier are assembled on lead frame,
the epoxy package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
reliable function even in disturbed ambient and the
protection against uncontrolled output pulses.
16 079
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D TTL and CMOS compatibility
D Output active low
D Improved shielding against electrical field
disturbance
D Suitable burst length ≥6 cycles/burst
Special Features
D Small size package
D Supply voltage 3–6 Volt
D Enhanced immunity against all kinds
of disturbance light
D No occurrence of disturbance pulses
at the output
D Short settling time after power on (<200ms)
Block Diagram
16249
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
2
3
1
VS
OUT
GND


Similar Part No. - TSOP1840RF3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1840RF1 VISHAY-TSOP1840RF1 Datasheet
98Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 24-Jan-00
More results

Similar Description - TSOP1840RF3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com