Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-TXO-30SM-128-B Datasheet(PDF) 1 Page - ECS, Inc.

Part # VC-TXO-30SM-128-B
Description  TEMPERATURE COMPENSATED OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

VC-TXO-30SM-128-B Datasheet(HTML) 1 Page - ECS, Inc.

  VC-TXO-30SM-128-B Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD TCXO
SMD TCXO
FEATURES
• Highly stable output
• Voltage Control function
• 5 x 7 mm Footprint
• RoHSCompliant
VC-TX0-30SM SERIES
TEMPERATURE COMPENSATED OSCILLATOR
The VC-TXO-30SM is a TCXO (Temperature
Compensated Crystal Oscillator) featuring very
tight stability over a wide temperature range.
The miniature SMD ceramic package measures
5 x 7 x 2.0 mm. The voltage control feature has
a frequency control range of ±5 ppm. The low
profile package is ideal for wireless communica-
tions applications.
7.0
± 0.2
#1
#2
#4
#3
2.0 Max.
3.68
1.4
1.4
0.9
3.0
0.9
PACKAGE DIMENSIONS (mm)
Figure 1) VC-TX0-30SM – Top, Side and Bottom views
Figure 2) Land Pattern
PART NUMBERING GUIDE “EXAMPLE”
SERIES
FREQUENCY
STABILITY/TEMPERATURE OPTION
VC-TXO-30SM
128
B
STANDARD FREQUENCIES
12.60, 12.80, 13.00, 14.40, 14.85, 16.80
19.20, 19.44, 19.68 & 19.80 MHZ
Sample Part Number: VC-TXO-30SM-128-B, 128=12.8 MHz, B= ±2.0 PPM -20 +75˚C
Ultrasonic or Dip cleaning not to be used.
Preliminary outline drawing. Consult factory for latest revision. (Rev. 1/03).
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
VC-TXO-30SM
PARAMETERS
CONDITIONS
MIN
MAX
UNITS
FREQUENCY RANGE
12.600
19.800
MHz
FREQUENCY TOLERANCE
TYPICAL @+25˚ ±2˚C
-0.5
+0.5
PPM
OPER. TEMP. -10 ~ +60˚C
-2.0
+2.0
PPM
OPER. TEMP. -20 ~ +75˚C
-2.0
+2.0
PPM
OPER. TEMP. -20 ~ +75˚C
-2.5
+2.5
PPM
FREQ. STABILITY/TEMP.
OPER. TEMP. -30 ~ +80˚C
-2.5
+2.5
PPM
SUPPLY VOLTAGE CHANGE
+3V ±5%
-0.2
+0.2
PPM
LOAD CHANGE
10K
Ω ±10%//10 pF ±10%
-0.3
+0.3
PPM
AGING
First Year @ +25˚C
-1.0
+1.0
PPM
STORAGE TEMPERATURE
-40
+85
˚C
SUPPLY VOLTAGE
+3.0V DC Nominal
+2.85
+3.15
V DC
CURRENT CONSUMPTION
10K
Ω ±10%//10 pF ±10%
2.0
mA
OUTPUT VOLTAGE
Clipped Sine Wave (DC-Cut)
0.8
Vp-p
OUTPUT LOAD
10K
Ω ±10%//10 pF ±10%
FREQUENCY CONTROL
±5.0
PPM
CONTROL VOLTAGE
+1.5 VDC ± 1V Positive Slope
0.5
2.5
V
SSB PHASE NOISE
-120 dBc/Hz @ 1 KHz offset
HARMONIC DISTORTION
-3.0
dBc
(OPTION A)
(OPTION B)
(OPTION C)
(OPTION D)
1.6
1.3
4.3
5.1
56
VC-TX0-30SM PIN CONNECTIONS
#1
V CONTROL
#2
GND
#3
OUTPUT
#4
VCC


Similar Part No. - VC-TXO-30SM-128-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VC-TXO-35SM ETC1-VC-TXO-35SM Datasheet
224Kb / 1P
   Highly stable output Wide temperature
logo
ECS, Inc.
VC-TXO-35SM ECS-VC-TXO-35SM Datasheet
369Kb / 1P
   VC-TCXO
VC-TXO-35SM-128-B ECS-VC-TXO-35SM-128-B Datasheet
369Kb / 1P
   VC-TCXO
VC-TXO-39SMX ECS-VC-TXO-39SMX Datasheet
97Kb / 2P
   VC-TCXO
More results

Similar Description - VC-TXO-30SM-128-B

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-500 ECS-ECS-500 Datasheet
107Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
ECS-500X ECS-ECS-500X Datasheet
144Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
logo
List of Unclassifed Man...
HE-TXO-10C1 ETC2-HE-TXO-10C1 Datasheet
42Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com