Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-21K7.5E Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-21K7.5E
Description  MONOLITHIC CRYSTAL FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-21K7.5E Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-21K7.5E Datasheet HTML 1Page - ECS, Inc. ECS-21K7.5E Datasheet HTML 2Page - ECS, Inc. ECS-21K7.5E Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
75
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTAL FILTERS
CRYSTAL FILTERS
MONOLITHIC CRYSTAL FILTERS
NOMINAL
NUMBER
PASSBAND
RIPPLE
INSERTION
STOPBAND
STOPBAND
GUARANTEED
TERMINATING
MODEL
FREQ. (fO)
OF
3dB MIN.
MAX.
LOSS MAX.
MAX.
MAX.
ATTENUATION
IMPEDANCE
CASE
(MHz)
POLES
(KHz)
(dB)
(dB)
(dB) (KHz)
(dB) (KHz)
(dB) (fO ±KHz)
(Ohms/pF)
35 +300 ~ +1000
ECS-10.7-15A
10.7
2
±7.5
0.5
2.0
18 ±25
40 -200 ~ -1000
3000//2.0
HC-49/U
55 +300 ~ +1000
ECS-10.7-15B
10.7
4
±7.5
1.0
2.5
40 ±25
80 -200 ~ -1000
3000//2.0
HC-49/U x 2
ECS-10.7-15C
10.7
6
±7.5
2.0
3.0
45 ±17.5
65 ±25
65 ±25 ~ ±300
3000//1.5
SC-3
ECS-10.7-15D
10.7
8
±7.5
2.0
4.0
70 ±17.5
90 ±25
90 ±25 ~ ±300
3000//1.5
SC-4
ECS-10.7-15E
10.7
10
±7.5
2.0
4.5
75 ±15
90 ±20
90 ±20 ~ ±300
3000//1.5
SC-5
35 +350 ~ +1000
ECS-21K15A
21.4
2
±7.5
0.5
1.5
18 ±25
50 -200 ~ -1000
1500//3.0
UM-1
65 +350 ~ +1000
ECS-21K15B
21.4
4
±7.5
1.0
2.0
40 ±25
80 -200 ~ -1000
1500//2.0
UM-1 x 2
ECS-21K15C
21.4
6
±7.5
2.0
2.5
45 ±17.5
65 ±25
65 ±25 ~ ±300
1500//2.0
SC-1
ECS-21K15D
21.4
8
±7.5
2.0
3.0
65 ±17.5
90 ±25
90 ±25 ~ ±300
1500//2.0
SC-1
ECS-21K15E
21.4
10
±7.5
2.0
4.0
75 ±17.5
90 ±20
90 ±25 ~ ±300
1500//2.0
SC-2
For 25 KHz Channel Spacing (Operating Temperature -20 to +70˚C)
NOMINAL
NUMBER
PASSBAND
RIPPLE
INSERTION
STOPBAND
STOPBAND
GUARANTEED
TERMINATING
MODEL
FREQ. (fO)
OF
3dB MIN.
MAX.
LOSS MAX.
MAX.
MAX.
ATTENUATION
IMPEDANCE
CASE
(MHz)
POLES
(KHz)
(dB)
(dB)
(dB) (KHz)
(dB) (KHz)
(dB) (fO ±KHz)
(Ohms/pF)
30 +300 ~ +1000
ECS-10.7-30A
10.7
2
±15
0.5
1.5
15 ±50
40 -300 ~ -1000
5000//0
HC-49/U
ECS-10.7-30B
10.7
4
±15
1.0
2.5
30 ±40
30 ±40 ~ ±300
5500//-1.0
HC-49/U x2
ECS-10.7-30C
10.7
6
±15
2.0
3.0
60 ±45
60 ±45 ~ ±300
5500//-1.0
SC-3
ECS-10.7-30D
10.7
8
±15
2.0
3.5
70 ±40
90 ±50
90 ±50 ~ ±300
5500//-1.0
SC-4
35 +350 ~ +1000
ECS-21K30A
21.4
2
±15
0.5
1.5
15 ±45
45 -300 ~ -1000
1500//1.0
UM-1
65 +350 ~ +1000
ECS-21K30B
21.4
4
±15
1.0
2.0
40 ±50
80 -250 ~ -1000
1800//0.5
UM-1 x 2
ECS-21K30C
21.4
6
±15
2.0
2.5
45 ±35
65 ±50
65 ±50 ~ ±300
2200//0.5
SC-1
ECS-21K30D
21.4
8
±15
2.0
3.5
70 ±35
90 ±50
90 ±50 ~ ±1000
2200//0.5
SC-1
For 50 KHz Channel Spacing (Operating Temperature -20 to +70˚C)
NOMINAL
NUMBER
PASSBAND
RIPPLE
INSERTION
STOPBAND
STOPBAND
GUARANTEED
TERMINATING
MODEL
FREQ. (fO)
OF
3dB MIN.
MAX.
LOSS MAX.
MAX.
MAX.
ATTENUATION
IMPEDANCE
CASE
(MHz)
POLES
(KHz)
(dB)
(dB)
(dB) (KHz)
(dB) (KHz)
(dB) (fO ±KHz)
(Ohms/pF)
ECS-45K7.5A
45.0
2
±3.75
1.0
2.0
10 ±12.5
65
-910
350//10.5
UM-1
ECS-45K7.5B
45.0
4
±3.75
1.0
4.0
30 ±12.5
90
±910
350//6.5
UM-1 x 2
ECS-45K15A
45.0
2
±7.5
1.0
2.0
15 ±25
75
-910
650//5.0
UM-1
ECS-45K15B
45.0
4
±7.5
1.0
3.0
30 ±25
90
±910
650//3.0
UM-1 x 2
ECS-45K20A
45.0
2
±10
0.5
2.0
15 ±30
65
-910
910//2.5
UM-1
ECS-45K20B
45.0
4
±10
1.0
3.0
35 ±40
90
±910
910//2.5
UM-1 x 2
ECS-45K30A
45.0
2
±15
1.0
2.0
15 ±50
70
-910
1200//1.5
UM-1
ECS-45K30B
45.0
4
±15
1.0
3.0
35 ±50
90
±910
1200//0.7
UM-1 x 2
45 MHz Monolithic Crystal Filters (Operating Temperature -20 to +70˚C)
ELECTRICAL CHARACTERISTICS (10.7 and 21.4 MHz)


Similar Part No. - ECS-21K7.5E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100A ETC1-ECS-2100A Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100A ECS-ECS-2100A Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100AX ECS-ECS-2100AX Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
More results

Similar Description - ECS-21K7.5E

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com