Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200-20-1XCDM Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-20-1XCDM
Description  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-20-1XCDM Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-20-1XCDM Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HC-49UX
Quartz Crystal
The HC-49UX is an "AT" cut resistance weld type Thru Hole
quartz crystal.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
HC-49UX
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @ 25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
1.800
10
MHz
°C
°C
pF
pF
mW
ppm
ppm
ppm
1.800 ~ 1.999
2.000 ~ 2.399
2.400 ~ 2.999
3.000 ~ 3.199
3.200 ~ 3.699
3.700 ~ 4.199
4.200 ~ 4.899
4.900 ~ 4.999
5.000 ~ 5.999
6.000 ~ 7.999
8.000 ~ 9.999
10.000 ~ 12.499
12.500 ~ 15.999
16.000 ~ 30.000
30.000 ~ 100.000
100.00
± 30
± 50
7
Series
1.0
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
750
500
300
200
120
100
70
55
50
40
35
30
25
20
40
PACKAGE DIMENSIONS (mm)
Figure 1) Side and Bottom views
PART NUMBERING GUIDE: Example ECS-200-20-1X
Custom Options
Cost effective
Excellent Aging
"AT" cut crystal
Wide frequency range
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range
1X = HC-49UX
A= ±25 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
P= -40 ~ +105°C
S= -40 ~ +125°C
U= -55 ~+125°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - ECS-200-20-1XCDM

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-20-1X ECS-ECS-200-20-1X Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
ECS-200-20-1XADL ECS-ECS-200-20-1XADL Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
ECS-200-20-1XADM ECS-ECS-200-20-1XADM Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
ECS-200-20-1XADY ECS-ECS-200-20-1XADY Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
ECS-200-20-1XAEL ECS-ECS-200-20-1XAEL Datasheet
510Kb / 3P
   The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
More results

Similar Description - ECS-200-20-1XCDM

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com