Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM450ITU Datasheet(PDF) 1 Page - ECS, Inc.

Part # LTM450ITU
Description  4 ELEMENT CERAMIC FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LTM450ITU Datasheet(HTML) 1 Page - ECS, Inc.

  LTM450ITU Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78
LTM450U SERIES
4 ELEMENT CERAMIC FILTER
Ultra small size high selectivity type ceramic
filter for communication use.
FEATURES
• Ultra small size
• 6.5 mm profile
• Bandwidths from
4KHz to 30KHz available
• RoHS Compliant (Note 7 exemption)
• 4 elements
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC FILTERS
CERAMIC FILTERS
2.4 1.8 0.8
7
7
4.3
0.8
4
3
2
1
Connection
Input
Ground
Output
Ground
3
4
2
1
2.4
1.8 0.8
Figure 1) LTM450U – Front, Side and Bottom views
R1
Rg
GROUND
GROUND
INPUT
OUTPUT
Rg+R1=R2=input/output impedance
S.S.G.
LTMU
RF
V.M.
R2
1
2
3
4
Figure 2) LTM450U – Measuring Circuit
Frequency (KHz)
0
10
20
30
40
50
60
410
420
430
440
450
460
470
480
490
500
LTM455BU
LTM455EU
LTM455HU
Figure 3) LTM4550U – Characteristics
CENTER
INSERTION
PASS BAND
6 dB
40 dB
STOP BAND ATT.
INPUT / OUTPUT
PART NUMBER
FREQUENCY
LOSS
RIPPLE
BANDWIDTH
BANDWIDTH
±100KHZ
IMPEDANCE
(KHz)
(dB) MAX.
(dB) MAX.
(KHz) MIN.
(dB) MAX.
(dB) MIN.
(
Ω)
LTM450BU
450 ±2.0
4
2
±15
±30
27
1500
LTM450CU
450 ±2.0
4
2
±12.5
±24
27
1500
LTM450DU
450 ±1.5
4
2
±10
±20
27
1500
LTM450EU
450 ±1.5
6
2
±7.5
±15
27
1500
LTM450FU
450 ±1.5
6
2
±6
±12.5
27
2000
LTM450GU
450 ±1.0
6
2
±4.5
±10
25
2000
LTM450HU
450 ±1.0
6
2
±3
±9
25
2000
LTM450IU
450 ±1.0
6
2
±2
±7.5
25
2000
LTM450HTU
450 ±1.0
6
2
±3
±9
35
2000
LTM450ITU
450 ±1.0
6
2
±2
±7.5
35
2000
Note: To avoid potential problems, connect the output to an
IF amplifier through a DC cut capacitor.
Avoid applying a direct current to output end of the ceramic
filters (between ➂ and xy).


Similar Part No. - LTM450ITU

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
LTM450ITU FRONTER-LTM450ITU Datasheet
182Kb / 1P
   22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM450ITU

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
LTM455U ECS-LTM455U Datasheet
282Kb / 1P
   4 ELEMENT CERAMIC FILTER
LTM455W ECS-LTM455W Datasheet
309Kb / 1P
   6 ELEMENT CERAMIC FILTER
LPBJ ECS-LPBJ Datasheet
235Kb / 1P
   2 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
List of Unclassifed Man...
LTM450W ETC-LTM450W Datasheet
66Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
Dialight Corporation
C-17891 DIALIGHT-C-17891 Datasheet
177Kb / 1P
   4 ELEMENT LIGHTPIPE
logo
LUMEX INC.
SNR-40642 LUMEX-SNR-40642 Datasheet
117Kb / 1P
   4 ELEMENT PbSe
logo
MTRONPTI
HC MTRONPTI-HC Datasheet
239Kb / 2P
   Broadband Lumped Element Highpass Filter
logo
Oscilent Corporation
735-450-HT OSCILENT-735-450-HT Datasheet
137Kb / 2P
   450 KHz 4 Element
736-459-AU OSCILENT-736-459-AU Datasheet
137Kb / 2P
   455 KHz 4 Element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com