Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDD20-03S1U Datasheet(PDF) 7 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD20-03S1U
Description  DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD20-03S1U Datasheet(HTML) 7 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD20-03S1U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. WDD20-03S1U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.chinfa.com
WDD20U SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
KHz
1,500
VDC
M
100
250
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
18
48
36
75
VDC
VDC
Ta min ... Ta max, Io nom
24
Case temperature
Operating at Vi nom, Io nom
oC
Storage temperature
Non operational
-40
+ 100
+ 100
oC
Derating
o
% / C
Vi nom
No load input current
24V models
48V models
mA
mA
Vi nom, Io = 0
Input voltage w/o damage
VDC
VDC
Io nom
24V models
48V models
80
Startup voltage
VDC
Io nom
24V models
48V models
-40
oC
+ 60
-40
+ 71
oC
Input filter
Pi type
INPUT SPECIFICATIONS
See derating curve
VDC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
2
%
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
10
%
%
%
Load regulation
o
% / C
Temperature coefficient
Transient recovery time
Vi nom, Io 0 ... Io nom, single output models
Vi nom, Io nom
500
0.02
%
%
S
1
%
single output models
dual output models (each output)
Vi nom, Io min ... Io nom, dual output models
Vi nom, Io nom,
BW = 20MHz
Ripple & noise
Vi nom, Io 0 ...1/2 Io nom
2
5
Voltage trim range
Vi nom
10
%
%
Efficiency
Up to 84%, See model list
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
mV
3.3V output models
3.3V & 5V output models
5
100
150
mV
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
12V, 15V & dual
5V, 12V, 15V & dual
Vi nom,
Io nom
3.3V & 5V output models
12V, 15V & dual output models
sales@chinfa.com
Dimension
L50.8 x W40.6 x H10.2
Cooling
Free air convection
Case material
Metal
mm
GENERAL
30
20
40
8.5
16
2008.09.23


Similar Part No. - WDD20-03S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-03S1U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com