Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDD15-03S4U Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # WDD15-03S4U
Description  DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

WDD15-03S4U Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  WDD15-03S4U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. WDD15-03S4U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. WDD15-03S4U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. WDD15-03S4U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PIN NO.
SINGLE
Vi+
Vi -
2
4
7
8
6
DUAL
Vi+
Vi -
S. D.
com
GENERAL
Trim
5
1
Vo +
NO PIN
Vo -
sales@chinfa.com
WDD15U SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
40.6 x 50.8 x 10.2 mm 1.6 x 2 x 0.4 inches
Metal
60 g
PIN ASSIGNMENT
DERATING
mm [inch]
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Remote ON / OFF
ON: opened or 8 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
CONTROL AND PROTECTION
50.80 [2.00]
10.16 [0.4]
DIA 1.00 [0.04]
5.00 [0.20]
BOTTOM VIEW
1
2
17.78 [0.70]
5.08 [0.20]
7.62 [0.30]
45.72 [1.80]
10.16 [0.40]
10.16 [0.40]
2.54 [0.10]
4
5
6
7
8
10.16 [0.40]
5.08 [0.20]
10.16 [0.40]
S. D.
Vo +
Vo -
Trim
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
60
100
-40
71
12V, 15V & dual
3.3V & 5V
S.D. : REMOTE ON / OFF
SPECIFICATION
www.chinfa.com
UL/cUL
UL60950-1
TUV
EN60950-1
CE
EN61204-3(Class A for EMI)
APPROVALS AND STANDARD
2008.09.23


Similar Part No. - WDD15-03S4U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD15-03S4U

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
300Kb / 4P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com