Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDD08-03S3U Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # RDD08-03S3U
Description  DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

RDD08-03S3U Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  RDD08-03S3U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. RDD08-03S3U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. RDD08-03S3U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. RDD08-03S3U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Rated over load protection
110%min....140%max
Remote on/off control
ON : 3....10Vdc or open circuit
OFF: 0....1.5Vdc or short circuit pin1 and pin2,3
CONTROL AND PROTECTION
sales@chinfa.com
RDD08U SERIES
SINGLE & DUAL OUTPUT
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
20.3 x 31.8 x 10.2 mm 0.8 x 1.25 x 0.4 inches
Tinplate nickel plated
16 g
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
1
9
11
14
16
22 & 23
Remote On/Off
N. C.
Vo -
Vo+
com
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
100
-40
Vo+
Vo -
com
Vi+
Vi+
www.chinfa.com
GENERAL
2 & 3
Vi -
Vi -
Remote On/Off
UL/cUL
UL60950-1
TUV
EN60950-1
CE
EN61204-3(Class A for EMI)
APPROVALS AND STANDARD
MECHANISM & PIN CONFIGURATION
mm [inch]
20.32 [0.80]
10.2 [0.4]
DIA 0.50 [0.02]
5.08 [0.20]
14
23 22
2 3
9
11
16
BOTTOM VIEW
31.75 [1.25]
15.24 [0.60]
2.54 [0.10]
1
N. C.
2007.05.11


Similar Part No. - RDD08-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD08-03S3U CHINFA-RDD08-03S3U Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S3U CHINFA-RDD08-03S3U Datasheet
201Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD08-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD08U CHINFA-RDD08U_14 Datasheet
201Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
RDD08-03S1U CHINFA-RDD08-03S1U_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 6.6 ~ 8.1W SINGLE & DUAL OUTPUT
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com