Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3PB3505 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # 3PB3505
Description  Three Phase 35 Amp Silicon Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

3PB3505 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  3PB3505 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES 3PB35
Three Phase 35 Amp Silicon Bridge Rectifier
PART
NUMBER
3PB3505
3PB3510
3PB3520
3PB3540
3PB3560
3PB3580
3PB35100
3PB35120
PIV/LEG
50 (V)
100 (V)
200 (V)
400 (V)
600 (V)
800 (V)
1000 (V)
1200 (V)
ELECTRICAL RATINGS
MAX. DC OUTPUT CURRENT @ 60o C CASE
35 AMPS DC
MAX. PEAK SINGLE CYCLE NON-REPETITIVE
FORWARD CURRENT @ 8.3 mSec
500 AMPS
MAX. FORWARD VOLTAGE DROP @ If = 40 AMPS/LEG, Tj = 25o C
1.2 VOLTS
MAX. I2 t FUSING (t = 8.3 mSec) @ Tj = 150o C
1,000 AMPS
THERMAL RESISTANCE (JUNCTION TO CASE)
1.15 K/W
MAX. JUNCTION TEMPERATURE RANGE
-40 TO +150o C
MAX. DC REVERSE CURRENT/JUNCTION @ 25o C
100 u AMPS
RMS ISOLATION VOLTAGE, TERMINAL TO BASE
2500 VOLTS
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - 3PB3505

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
3PB25 EDAL-3PB25 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
3PB2505 EDAL-3PB2505 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
3PB2510 EDAL-3PB2510 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
3PB25100 EDAL-3PB25100 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
3PB25120 EDAL-3PB25120 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
More results

Similar Description - 3PB3505

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
3PB25 EDAL-3PB25 Datasheet
126Kb / 1P
   Three Phase 25 Amp Silicon Bridge Rectifier
logo
Micro Commercial Compon...
MT3504A MCC-MT3504A Datasheet
513Kb / 3P
   35 Amp Three Phase Bridge Rectifier 400 to 1600 Volts
logo
Fuji Electric
KBPC35005 FUJI-KBPC35005 Datasheet
718Kb / 1P
   35 AMP SILICON BRIDGE RECTIFIER
MP35005 FUJI-MP35005 Datasheet
687Kb / 1P
   35 AMP SILICON BRIDGE RECTIFIER
logo
Microsemi Corporation
MZ200 MICROSEMI-MZ200_07 Datasheet
123Kb / 3P
   Three Phase 12 Amp bridge Rectifier
MZ200 MICROSEMI-MZ200 Datasheet
125Kb / 3P
   THREE PHASE 12 AMP BRIDGE RECTIFIER
logo
Vishay Siliconix
VS-26MT VISHAY-VS-26MT_V02 Datasheet
178Kb / 7P
   Three Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2023
VS-26MT VISHAY-VS-26MT_V01 Datasheet
179Kb / 7P
   Three Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2022
logo
Micro Commercial Compon...
MB354CA MCC-MB354CA Datasheet
78Kb / 2P
   35 Amp Single Phase Bridge Rectifier 400 Volts
MB354CA MCC-MB354CA_11 Datasheet
156Kb / 3P
   35 Amp Single Phase Bridge Rectifier 400 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com