Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUL842070 Datasheet(PDF) 5 Page - celduc-relais

Part # SUL842070
Description  Power Solid State Contactor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SUL842070 Datasheet(HTML) 5 Page - celduc-relais

  SUL842070 Datasheet HTML 1Page - celduc-relais SUL842070 Datasheet HTML 2Page - celduc-relais SUL842070 Datasheet HTML 3Page - celduc-relais SUL842070 Datasheet HTML 4Page - celduc-relais SUL842070 Datasheet HTML 5Page - celduc-relais SUL842070 Datasheet HTML 6Page - celduc-relais SUL842070 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 5 / 7F/GB
S/MON/SUL842070/B/18/11/2008
celpac
celduc
celpac
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
1
2
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
M5
N.m
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
1,5 ... 10 mm
2
AWG16....AWG8
1,5 ... 6 mm
2
AWG16....AWG10
POZIDRIV 2
2
Raccordement / Connections
Directement avec fils avec ou sans embouts
Direct connection with wires with or without ferrules
Avec cosses/
With ring terminals
Washer for vibrations
celpac
Raccordement de commande / Control wiring
Référence /Reference
avec connecteurs 2 points débrochable/ With 2 points pluggable connector
1Y020915
Weidmuller
0,13 ... 3,3 mm
2
EN60999 a x b ; d
BLZ5,08/2/90SN SW
AWG26....AWG12
2,8mm x 2mm ; 2,4mm
155 271 0000
46
mm
power input
power output
control
Etiquettes de repérage.
Montage sur volets
(1MZ09000).
Marking labels are also
possible. Mounting on
flaps (1MZ09000)


Similar Part No. - SUL842070

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SUL842970 CELDUC-SUL842970 Datasheet
803Kb / 7P
   Power Solid State Contactor
More results

Similar Description - SUL842070

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SUL942460 CELDUC-SUL942460 Datasheet
803Kb / 7P
   Power Solid State Contactor
SAL942460 CELDUC-SAL942460 Datasheet
723Kb / 6P
   Power Solid State Contactor
SAL965460 CELDUC-SAL965460 Datasheet
722Kb / 6P
   Power Solid State Contactor
SUL842970 CELDUC-SUL842970 Datasheet
803Kb / 7P
   Power Solid State Contactor
SUL867070 CELDUC-SUL867070 Datasheet
811Kb / 7P
   Power Solid State Contactor
SUL865970 CELDUC-SUL865970 Datasheet
803Kb / 7P
   Power Solid State Contactor
SAL941460 CELDUC-SAL941460 Datasheet
681Kb / 6P
   Power Solid State Contactor
SUM865070 CELDUC-SUM865070 Datasheet
1Mb / 7P
   Power Solid State Contactor
SUL967460 CELDUC-SUL967460 Datasheet
811Kb / 7P
   Power Solid State Contactor
SUL963460 CELDUC-SUL963460 Datasheet
801Kb / 7P
   Power Solid State Contactor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com