Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B933-160 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B933-160
Description  SILICON HIGH VOLTAGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B933-160 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B933-160 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES B933
SILICON HIGH VOLTAGE RECTIFIER
PART
PIV
Io mA
Vf @ Io
Ir @ PIV
MAX SINGLE
NUMBER
VOLTS
@ 40o C
@ 25o C
@ 25o C
CYCLE SURGE
CURRENT @
60 Hz
B933-50
5000
800
7
10 uA
100 AMPS
B933-60
6000
700
10
10 uA
100 AMPS
B933-70
7000
550
10
10 uA
100 AMPS
B933-80
8000
500
12
10 uA
100 AMPS
B933-90
9000
430
12
10 uA
100 AMPS
B933-100
10000
350
15
10 uA
100 AMPS
B933-110
11000
250
15
10 Ua
100 AMPS
B933-120
12000
250
15
10 uA
100 AMPS
B933-130
13000
250
15
10 uA
100 AMPS
B933-140
14000
250
15
10 uA
100 AMPS
B933-150
15000
250
16
10 uA
100 AMPS
B933-160
16000
200
25
10 uA
100 AMPS
B933-170
17000
200
25
10 uA
100 AMPS
B933-180
18000
200
25
10 uA
100 AMPS
B933-190
19000
200
25
10 uA
100 AMPS
B933-200
20000
200
25
10 uA
100 AMPS
OPERATING TEMPERATURE, -55o C TO +150o C
STORAGE TEMPERATURE, –55o C TO +150o C
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B933-160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
   SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
   SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
More results

Similar Description - B933-160

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
   SILICON HIGH VOLTAGE RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R2500 DIOTECH-R2500 Datasheet
704Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com