Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR1002 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # BR1002
Description  Silicon Bridge Rectifiers 8 Amps to 10 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

BR1002 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  BR1002 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES BR800/1000
Silicon Bridge Rectifiers 8 Amps to 10 Amps
The plastic material carries U/L recognition 94 V-O
TYPE
MAXIMUM
AVERAGE RECT.
CURRENT
If (AV) @ TAR
LOAD
INPUT
VOLTAGE
RECOMD.
Vrms
PEAK
INVERSE
VOLTAGE
Vrrm
MAXIMUM
FWD PEAK
SURGE
CURRENT
Ifsm
MAXIMUM FWD
VOLTAGE @
TA = 25
o C
Vf @ If (AV)
MAXIMUM
REVERSE
CURRENT @
TA = 25
o C Ir
( A )
( C )
( V )
( V )
( A )
( V )
( A )
( uA )
BR800 SERIES 8 Amps Figure 1
BR800
8.0
50
20
50
300
1.0
5.0
10
BR801
8.0
50
40
100
300
1.0
5.0
10
BR802
8.0
50
80
200
300
1.0
5.0
10
BR804
8.0
50
125
400
300
1.0
5.0
10
BR806
8.0
50
250
600
300
1.0
5.0
10
BR808
8.0
50
380
800
300
1.0
5.0
10
BR810
8.0
50
440
1000
300
1.0
5.0
10
BR1000 Series 10 Amps Figure 1
BR1000
10
55
20
50
300
1.0
6.0
10
BR1001
10
55
40
100
300
1.0
6.0
10
BR1002
10
55
80
200
300
1.0
6.0
10
BR1004
10
55
125
400
300
1.0
6.0
10
BR1006
10
55
250
600
300
1.0
6.0
10
BR1008
10
55
380
800
300
1.0
6.0
10
BR1010
10
55
440
1000
300
1.0
6.0
10
INCHES
MILLIMETERS
DIM
MIN.
MAX.
MIN.
MAX
A
0.48
0.52
12.2
13.2
B
0.73
0.77
18.54
19.56
C
0.142
0.158
3.6
4.0
D
0.21
0.29
5.33
7.37
E
0.21
0.29
5.33
7.37
F
0.75
19.1
G
0.048
0.052
1.2
1.3
H
0.25
0.30
6.35
7.6
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - BR1002

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR1002 EIC-BR1002 Datasheet
40Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1002 HY-BR1002 Datasheet
401Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR1002 BILIN-BR1002 Datasheet
82Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
BR1002 EIC-BR1002 Datasheet
275Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05:November 3, 2016
logo
Galaxy Semi-Conductor H...
BR1002 BILIN-BR1002 Datasheet
80Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR1002

ManufacturerPart #DatasheetDescription
logo
RFE international
KBU10005 RFE-KBU10005 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Taiwan Semiconductor Co...
SB101 TSC-SB101 Datasheet
71Kb / 2P
   Single Phase 10 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU1000 JGD-KBU1000 Datasheet
134Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
KBPC1000 JGD-KBPC1000 Datasheet
124Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU1001 TSC-KBU1001_1 Datasheet
168Kb / 2P
   Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1001 TSC-KBU1001 Datasheet
55Kb / 2P
   Single Phase 10 AMPS. Silicon Bridge Rectifiers
logo
Edal Industries, Inc.
BR5000 EDAL-BR5000 Datasheet
78Kb / 1P
   Silicon Bridge Rectifiers 50 Amps
logo
List of Unclassifed Man...
PB204M ETC1-PB204M Datasheet
100Kb / 1P
   BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
RFE international
KBPC35005 RFE-KBPC35005 Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
B05S RFE-B05S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com