Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD10-03S3U Datasheet(PDF) 5 Page - Chinfa Electronics Ind. Co., Ltd.

Part # IDD10-03S3U
Description  DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

IDD10-03S3U Datasheet(HTML) 5 Page - Chinfa Electronics Ind. Co., Ltd.

  IDD10-03S3U Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. IDD10-03S3U Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.chinfa.com
IDD10U SERIES
DC - DC CONVERTER
10W SINGLE & DUAL OUTPUT
FEATURES
LOW COST
4:1 WIDE INPUT RANGE
I/O ISOLATION
INPUT Pi FILTER
SHORT CIRCUIT PROTECTION
HIGH PERFORMANCE
2 YEARS WARRANTY
UL/cUL/TUV/CE
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(min.)
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
+3.3 VDC
+ 5 VDC
+ 12 VDC
+ 15 VDC
IDD10 - 03S4U
IDD10 - 05S4U
IDD10 - 12S4U
IDD10 - 15S4U
IDD10 - 03S5U
IDD10 - 05S5U
IDD10 - 12S5U
IDD10 - 15S5U
9~36 VDC
9~36 VDC
9~36 VDC
9~36 VDC
18~75 VDC
18~75 VDC
18~75 VDC
18~75 VDC
10 WATTS
10 WATTS
10 WATTS
10 WATTS
10 WATTS
10 WATTS
10 WATTS
10 WATTS
3000 mA
2000 mA
830 mA
670 mA
3000 mA
2000 mA
830 mA
670 mA
EFF.
(typ.)
80%
82%
84%
85%
80%
82%
84%
84%
78%
80%
82%
83%
78%
80%
82%
82%
12 VDC
IDD10 - 12D4U
9~36 VDC
10 WATTS
420 mA
82%
80%
15 VDC
IDD10 - 15D4U
9~36 VDC
10 WATTS
340 mA
84%
82%
sales@chinfa.com
IDD10 - 12D5U
18~75 VDC
10 WATTS
12 VDC
420 mA
83%
81%
IDD10 - 15D5U
18~75 VDC
10 WATTS
15 VDC
340 mA
84%
82%
5 VDC
IDD10 - 05D4U
9~36 VDC
10 WATTS
1000 mA
82%
80%
5 VDC
IDD10 - 05D5U
18~75 VDC
10 WATTS
1000 mA
82%
80%
Single Output Models
Dual Output Models
2008.09.23


Similar Part No. - IDD10-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S3U CHINFA-IDD10-03S3U Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
IDD10-03S3U CHINFA-IDD10-03S3U Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
More results

Similar Description - IDD10-03S3U

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com